Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031-8557-000 Datasheet(PDF) 7 Page - ITT Industries

Part # 031-8557-000
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

031-8557-000 Datasheet(HTML) 7 Page - ITT Industries

Back Button 031-8557-000 Datasheet HTML 3Page - ITT Industries 031-8557-000 Datasheet HTML 4Page - ITT Industries 031-8557-000 Datasheet HTML 5Page - ITT Industries 031-8557-000 Datasheet HTML 6Page - ITT Industries 031-8557-000 Datasheet HTML 7Page - ITT Industries 031-8557-000 Datasheet HTML 8Page - ITT Industries 031-8557-000 Datasheet HTML 9Page - ITT Industries 031-8557-000 Datasheet HTML 10Page - ITT Industries 031-8557-000 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Shell
L1
L2
L3
L4
L5
L6
Size
(D)
(G/M)
(G/M)
R1
min.
min.
min.
min.
+10 mm
max.
max.
10SL
70
70
70
65
75
8,0
3,5
12S
70
75
75
70
80
8,0
3,5
14S
70
75
75
70
80
8,0
3,5
16S
70
90
80
80
90
8,0
3,5
16
80
100
90
90
100
6,5
3,5
18
90
100
90
90
100
8,0
3,5
20
90
100
95
100
110
8,0
3,5
22
90
100
95
100
110
8,0
3,5
24
110
120
105
110
120
8,0
5,0
28
110
120
105
110
120
9,0
5,0
32
110
180
115
120
130
9,0
6,0
36
110
190
120
130
140
9,0
6,0
CannonVG/CA-Bayonet
7
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
Separating and Mounting Dimensions
When using connectors according to VG 95234 the below mentioned installation dimensions have to be met.
Connector style D
or
CA3106E-B and
CA3106F-B
CA3106F-B-13/-14/-15
Connector style G, M, R1
or
CA3106E-B-02/-03/-06
CA3106E-B-13/-14/-15 and
CA3106E-B-32
with shrink boot, straight,
acc. VG95343
Connector style E, E1 and K
or
CA3108E/F-B and
CA3108F-B-13/-14/-15
Connector style G, M, R1
or
CA3106E-B-02/-03/-06
CA3106E-B-32
with shrink boot 90°
acc. to VG 95343


Similar Part No. - 031-8557-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8521-010 ITT-031-8521-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-020 ITT-031-8521-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-030 ITT-031-8521-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8531-010 ITT-031-8531-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8531-011 ITT-031-8531-011 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 031-8557-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com