Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA24A Datasheet(PDF) 4 Page - Littelfuse

Part # SA24A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA24A Datasheet(HTML) 4 Page - Littelfuse

  SA24A Datasheet HTML 1Page - Littelfuse SA24A Datasheet HTML 2Page - Littelfuse SA24A Datasheet HTML 3Page - Littelfuse SA24A Datasheet HTML 4Page - Littelfuse SA24A Datasheet HTML 5Page - Littelfuse SA24A Datasheet HTML 6Page - Littelfuse SA24A Datasheet HTML 7Page - Littelfuse SA24A Datasheet HTML 8Page - Littelfuse SA24A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 146 page
background image
Transient Voltage Suppression (TVS) Diodes
Littelfuse offers the widest range ofTVS Diodes and other circuit protection products.
LittelfuseTVS Diodes are ideal for protecting semiconductor components from
high-voltage transients.They can respond to overvoltage events faster than most
other types of circuit protection.This makesTVS Diodes useful for protecting against
very fast and often damaging voltage transients, such as lightning, inductive load
switching and electrostatic discharge.
LittelfuseTVS Diodes can fit a wide range of circuit protection applications but were
primarily designed to protect I/O interfaces in telecommunication and industrial
equipment, computers and consumer electronics.
Features
Low incremental surge resistance
Unidirectional and Bidirectional polarities available
Reverse standoff voltages range from 5 to 512V
RoHS compliant–MatteTin Pb-free plated
Surface-mount power ratings from 400W to 5,000W
Axial lead power ratings from 400W to 30,000W (30kW)
High current protection available for 6kA and 10kA


Similar Part No. - SA24A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA24A MOTOROLA-SA24A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA24A LEIDITECH-SA24A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Micro Commercial Compon...
SA24A MCC-SA24A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA24A LITTELFUSE-SA24A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA24A SOCAY-SA24A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SA24A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com