Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-355T Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-355T
Description  Property of LITE-ON Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-355T Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-355T Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-355T Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
FEATURES
* High current transfer ratio
( CTR : MIN. 600% at IF = 1mA, VCE = 2V )
* Isolation voltage between input and output LTV-355T
( Viso = 3,750Vrms )
* Employs double transfer mold technology
* Subminiature type
( The volume is smaller than that of conventional DIP type by as far as 30% )
* Mini-flat package :
2.0mm profile : LTV-355T
* Safety approval
UL, CSA, FIMKO NEMKO, DEMKO, SEMKO, VDE* approved
(*Requires “V” ordering option)
* RoHS compliance
APPLICATIONS
* Hybrid substrates that require high density mounting.
* Programmable controllers
Part No. : LTV-355T
Page : 1
of
10
BNS-OD-C131/A4
May.2009
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Similar Part No. - LTV-355T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-355T LITEON-LTV-355T Datasheet
138Kb / 8P
   Hybrid substrates that require high density mounting Programmable controllers
LTV-355T-V LITEON-LTV-355T-V Datasheet
201Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTV-355T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com