Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-825 Datasheet(PDF) 5 Page - Analog Devices

Part # AN-825
Description  Power Supply Considerations in iCoupler짰 Isolation Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AN-825 Datasheet(HTML) 5 Page - Analog Devices

  AN-825 Datasheet HTML 1Page - Analog Devices AN-825 Datasheet HTML 2Page - Analog Devices AN-825 Datasheet HTML 3Page - Analog Devices AN-825 Datasheet HTML 4Page - Analog Devices AN-825 Datasheet HTML 5Page - Analog Devices AN-825 Datasheet HTML 6Page - Analog Devices AN-825 Datasheet HTML 7Page - Analog Devices AN-825 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN-825
Rev. 0 | Page 5 of 8
Figure 5 illustrates how an iCoupler output reacts during
various power supply states. Indeterminate operation exists
for VDDI in the region from 1.8 V to 2.7 V; this is eliminated by
having supply rise times >0.1 V/μs. In the case where
unpowered outputs or inputs are connected to other circuits
that are powered, ensure that voltages applied to the iCoupler
are kept within the absolute maximum ratings.
STATE 3
STATE 2
STATE 1
STATE 0
VDDO
OUTPUT SUPPLY
VDDI
INPUT SUPPLY
VOX
INDETERMINATE
(LOGIC LOW)
FULLY OPERATIONAL
2.7V
1.8V
2.7V
Figure 5. iCoupler Output During Various Power Supply States
The key points taken from this example:
Rise times for supplies should be >0.1 V/μs.
In unpowered states, voltages applied to the iCoupler
should not exceed absolute maximum ratings.
The ADuM3xxx series of iCouplers are ESD-hardened products
that carry the same functional specifications as the ADuM1xxx
series of iCouplers. While the ADuM3xxx series was developed
to provide more robust ESD/latch-up immunity, it also
addresses the power-up and power-down problems. The
ADuM3xxx series does this with under-voltage lockout
circuitry that eliminates indeterminate operation at all supply
voltages. Use of the ADuM3xxx series should be considered in
applications where:
Supply rise times are <0.1 V/μs.
Supplies are excessively noisy.
Problems occur with latch-up and EOS/ESD during
system-level testing.
CALCULATING SUPPLY CURRENTS
Supply currents for iCoupler are impacted by the values of
supply voltage, output load, and data rate of the isolation
channels. IDD1 and IDD2 are determined by performing separate
calculations for each channel and summing the results. To
facilitate calculations for IDD1 and IDD2 in multichannel
iCouplers, a design tool is provided on the Analog Devices
website at www.analog.com/iCoupler.
The values for IDDO and IDDI for a given channel are calculated
using Equation 1 and Equation 21.
IDDO = (IDDO (D) + (0.5 × 10 - 3) × CL × VDDO) × (2f-fr) + IDDO (Q) (mA);
(1)
f > 0.5 × fr
IDDI = (IDDI (D)) × (2f-fr) + IDDI (Q) (mA); f > 0.5 × fr
(2)
where:
IDDI(D), IDDO(D) are the dynamic input and output supply current
per channel (mA/Mbps).
CL is the output load capacitance (pF).
f is the input logic frequency (MHz, half of input data rate, NRZ
signaling).
fr is the input stage refresh rate (Mbps).
IDDI(Q) and IDDO(Q) are the input and output quiescent supply
currents (mA).
VDDO is the output supply value (V).
1 The ADuM1100 and ADuM3100 are single-channel isolators and use a
different set of equations for calculating IDDO and IDDI. These models specify
input and output dynamic power dissipation capacitance, CPD1 and CPD2, and
use the following equations:
IDD1 = CPD1 × VDD1 × f + IDD1Q.
IDD2 = (CPD2 + CL) × VDD2 × f + IDD2Q, where CL is load capacitance.


Similar Part No. - AN-825

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8230 FAIRCHILD-AN-8230 Datasheet
928Kb / 6P
   800 V SuperFET짰 II MOSFET Cuts Switching Loss
More results

Similar Description - AN-825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-793 AD-AN-793 Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
logo
ATMEL Corporation
QTAN0015 ATMEL-QTAN0015 Datasheet
73Kb / 4P
   Power Supply Considerations for QT ICs
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
Texas Instruments
SLUA110 TI-SLUA110 Datasheet
787Kb / 19P
[Old version datasheet]   PRACTICAL CONSIDERATIONS IN CURRENT MODE POWER SUPPLIES
logo
Silicon Laboratories
AN523 SILABS-AN523 Datasheet
972Kb / 6P
   OVERLAY CONSIDERATIONS
logo
Fairchild Semiconductor
AN4138 FAIRCHILD-AN4138 Datasheet
404Kb / 20P
   Design Considerations
logo
ANADIGICS, Inc
AN-0003 ANADIGICS-AN-0003 Datasheet
310Kb / 6P
   Thermal Considerations for Power Amplifiers
logo
ON Semiconductor
MC34280 ONSEMI-MC34280 Datasheet
380Kb / 20P
   Power Supply & Management IC for Handheld Electronic Products
February, 2000 ??Rev. 2
logo
STMicroelectronics
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
   Low power considerations for STM8TL5xxx devices
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com