Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP922000 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP922000
Description  CMOS 16-bit Single Chip Microcomputer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP922000 Datasheet(HTML) 1 Page - Sony Corporation

  CXP922000 Datasheet HTML 1Page - Sony Corporation CXP922000 Datasheet HTML 2Page - Sony Corporation CXP922000 Datasheet HTML 3Page - Sony Corporation CXP922000 Datasheet HTML 4Page - Sony Corporation CXP922000 Datasheet HTML 5Page - Sony Corporation CXP922000 Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMOS 16-bit Single Chip Microcomputer
Description
The CXP922000 is a CMOS 16-bit single chip
microcomputer
of
piggyback/evaluator
combined
type, which is developed for evaluating the function
of the CXP922032.
Features
• An efficient instruction set as a controller
– Direct addressing, numerous abbreviated forms,
multiplication and division instructions
• Instruction sets for C Ianguage and RTOS
– Highly quadratic instruction system,
general-purpose register of eight 16-bit
× 16-bank configuration
• Minimum instruction cycle time
100ns at 20MHz operation (3.0 to 5.5V)
167ns at 12MHz operation (2.7 to 5.5V)
• Incorporated EPROM
CXP27V1000K
• Incorporated RAM capacity
7680 bytes
• Peripheral functions
– A/D converter
8-bit 8 analog input, successive approximation system
(Conversion time: 12.4µs at 20MHz)
– Serial interface
Asynchronous serial interface (Simple UART)
128-byte buffer RAM, 3 channels
– Timers
8-bit timer/counter, 2 channels (with timing output)
16-bit capture timer/counter (with timing output)
16-bit timer, 4 channels
– Remote control receive circuit
8-bit pulse measurement counter, 8-stage FIFO
– PWM output circuit
14-bit, 1 channel
• Interruption
24 factors, 24 vectors, multi-interruption and priority selection possible
• Standby mode
Sleep/stop
• Package
100-pin ceramic PQFP
• Mask ROM
CXP922032
• One time PROM incorporated type
CXP922P032
Structure
Silicon gate CMOS IC
– 1 –
E98Z32B9X-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP922000
100 pin PQFP (Ceramic)
Piggy/
evaluation type
( QFP supported )
For the availability of this product, please contact the sales office.


Similar Part No. - CXP922000

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922032 SONY-CXP922032 Datasheet
307Kb / 28P
   CMOS 16-bit Single Chip Microcomputer
More results

Similar Description - CXP922000

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com