Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-725FS-TA1 Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-725FS-TA1
Description  Property of LITE-ON Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-725FS-TA1 Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-725FS-TA1 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS-TA1 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* High collector-emitter voltage
( VCEO : 300V )
* High current transfer ratio
( CTR : MIN. 1,000 at IF=1mA, VCE=2V)
* High isolation voltage between input and output
( VISO = 5,000Vrms )
* Low collector dark current
( ICEO : MAX. 10
-6A at VCE = 200V )
* Dual-in-line package :
LTV-725F
* Wide lead spacing package :
LTV-725FM
* Surface mounting package :
LTV-725FS
* Tape and reel packaging :
LTV-725FS-TA1
* UL approved ( No. E113898 )
* TUV approved ( No. R9653630 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 209049 )
* NEMKO approved ( No. P99102464 )
* DEMKO approved ( No. 99-04182)
* SEMKO approved ( No. 9943380 / 01-20 )
* VDE approved ( No. 094722 )
Part No. : LTV-725F ( M, S, S-TA1 )
Page :
1 of 9
BNS-OD-C131/A4
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Similar Part No. - LTV-725FS-TA1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-725FS-TA1 LITEON-LTV-725FS-TA1 Datasheet
191Kb / 9P
   Property of LITE-ON Only
More results

Similar Description - LTV-725FS-TA1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com