Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4811A Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMH4811A
Description  Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4811A Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMH4811A_09 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4811A_09 Datasheet HTML 15Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
2044 6.
6 03/27/09
SMH4811A
SUMMIT MICROELECTRONICS, Inc.
Preliminary
where VSMIN is the lowest operating supply voltage,
VDDMAX is the upper limit of the SMH4811A supply voltage,
IDD is minimum current required for the SMH4811A to
operate, and ILOAD is any additional load current from the
2.5V and 5V outputs and between VDD and VSS.
The min/max current limits are easily met using the drop-
per resistor, except in circumstances where the input
voltage may swing over a very wide range (e.g., input
varies from 20V to 100V). In these circumstances it may
be necessary to add an 11V zener diode between VDD and
VSS to handle the wide current range. The zener voltage
should be below the nominal regulation voltage of the
SMH4811A so that it becomes the primary regulator.
MOSFET VDS(ON) Threshold
The drain sense input on the SMH4811A monitors the
voltage at the drain of the external power MOSFET switch
with respect to VSS. When the MOSFET’s VDS is below the
user-defined threshold the MOSFET switch is considered
to be ON. The VDS(ON)THRESHOLD is adjusted using the
resistor, RT, in series with the drain sense protection
diode. This protection, or blocking, diode prevents high
voltage breakdown of the drain sense input when the
MOSFET switch is OFF. A low leakage MMBD1401 diode
offers protection up to 100V. For high voltage applications
(up to 500V) the Central Semiconductor CMR1F-10M
diode should be used. The VDS(ON)THRESHOLD is calcu-
lated from:
()
(
)
DS
SENSE
SENSE
T
DIODE
THRESHOLD
VON
V
I
R
V
=−
×
,
where VDIODE is the forward voltage drop of the protection
diode. The VDS(ON)THRESHOLD varies over temperature
due to the temperature dependence of VDIODE and ISENSE.
The calculation below gives the VDS(ON)THRESHOLD under
the worst case condition of 85°C ambient. Using a 68k
resistor for RT gives:
()
(
)
DS
THRESHOLD
V
ON
2.5V
15 A 68k
0.5V 1V
µ
=−
×
Ω −=
.
The voltage drop across the MOSFET switch and sense
resistor, VDSS, is calculated from:
()
DSS
D
S
ON
VI R
R
=+
,
where ID is the MOSFET drain current, RS is the circuit
breaker sense resistor, and RON is the MOSFET on
resistance.
Soft Start Slew Rate Control
The –48V turn on time is controlled by the SM4811A and
by the values of R4, C1 and C2. The turn on time is
approximately 10ms with the component values shown in
Figure 7. Increasing the capacitance reduces the output
slew rate and increases the turn on time. The capacitors
prevent the MOSFET from turning on simultaneously with
the application of –48V. Resistor R4 is specified to limit
the current into and the rate of charge of C1. The ratio of
C1 to C2 (10:1) limits the MOSFETs VGS to approxi-
mately 5V once the –48V supply is connected and C1 is
fully charged.


Similar Part No. - SMH4811A_09

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4811AG SUMMIT-SMH4811AG Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811AS SUMMIT-SMH4811AS Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
More results

Similar Description - SMH4811A_09

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
logo
Technology Dynamics Inc...
PTCP-HS-5-180 TECHNOLOGY-PTCP-HS-5-180 Datasheet
173Kb / 2P
   HOT SWAP POWER SYSTEMS
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com