Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90325-3018 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 90325-3018
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

90325-3018 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 90325-3018 Datasheet HTML 4Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 5Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 6Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 7Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 8Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 9Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 10Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 11Page - Molex Electronics Ltd. 90325-3018 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1.27mm (.050") Pitch
Picoflex® PF-50
Header
91330
Low Profile, Bottom Entry
SMT
Features and Benefits
PolarizingsidepostsandPCBpegs
StampedSMTcontacts
Twopointsofcontactwithfemaleterminal
Frictionlock
CanbeusedinRoHSlead-freeprocessupto260˚C
KaptontapeforpickandplaceduringSMTassembly
Lowprofileapplicationwhichcreatesadouble-sided
boardeffectwithasingle-sideSMTprocess
Reference Information
ProductSpecification:PS-99020-0011
Packaging:TapeandReel
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
ContactInsertionForce:1.7N
ContactRetentiontoHousing:7N
Durability:30cyclesmax.
Physical
Housing:Natural30%glass-filledNylon,UL94V-0
Contact:Brass
Plating:Tin3-5µm(120µ"-200µ”)
PCBThickness:1.57mm±0.13
Circuits
Order No.
6
91330-0006
8
91330-0008
10
91330-0010
12
91330-0012
14
91330-0014
16
91330-0016
Circuits
Order No.
18
91300-0018
20
91330-0020
22
91330-0022
24
91330-0024
26
91330-0026
1.27mm (.050") Pitch
Picoflex® PF-50
Header
90779
Low Profile
High Temperature
Features and Benefits
PolarizingsidepostsandPCBpegs
Stampedcontactswithin-line,flatblades
2pointsofcontactwithfemaleterminal
Rigid,staggeredsoldertails
FrictionLock
HighTemperatureSurfaceMountCompatible
housing
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Bag(contactMolexfortubepartnumbers)
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
ContactRetentiontoHousing:7N
MatingForce:Tin—1.7N;Gold—1.1N
UnmatingForce:Tin—0.25N;Gold—0.25N
Durability:Tin—30cyclesmax.
Gold—100cyclesmax.(usingextractiontool)
Physical
Housing:Natural30%glass-fillednylon,UL94V-O
Contact:Brass
Plating:SeeTable
PCBThickness:1.60mm±0.14
Circuits
Order No.
Tin 4-6µm (160-240µ")
Select Gold 0.76µm (30µ")
4
90779-0001
90779-3001
6
90779-0002
90779-3002
8
90779-0003
90779-3003
10
90779-0004
90779-3004
12
90779-0005
90779-3005
14
90779-0006
90779-3006
Circuits
Order No.
Tin 4-6µm (160-240µ")
Select Gold 0.76µm (30µ")
16
90779-0007
90779-3007
18
90779-0008
90779-3008
20
90779-0010
90779-3010
22
90779-0011
90779-3011
24
90779-0012
90779-3012
26
90779-0013
90779-3013
8


Similar Part No. - 90325-3018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90325-3018 MOLEX10-90325-3018 Datasheet
132Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 18 Circuits
90325-3018 MOLEX11-90325-3018 Datasheet
104Kb / 1P
   HEADER ASSEMBLY
More results

Similar Description - 90325-3018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com