Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4325JET100 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC4325JET100
Description  Errata sheet LPC435x/3x/2x/1x
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4325JET100 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC4325JET100 Datasheet HTML 3Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 4Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 5Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 6Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 7Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 8Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 9Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 10Page - NXP Semiconductors LPC4325JET100 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ES_LPC435X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Errata sheet
Rev. 2 — 20 October 2012
7 of 11
NXP Semiconductors
ES_LPC435x/3x/2x/1x
Errata sheet LPC435x/3x/2x/1x
3.4 PMC.1: PMC.x power management controller fails to wake up from
Deep Sleep, Power Down, or Deep Power Down
Introduction:
The PMC implements the control sequences to enable transitioning between different
power modes and controls the power state of each peripheral. In addition, wake-up from
any of the power-down modes based on hardware events is supported.
Problem:
When the chip is in a transition from active to Deep Sleep, Power Down, or Deep Power
Down, wakeup events are not captured and they will block further wakeup events from
propagating. The time window for this transition is 6 uS and is not affected by the chip
clock speed. After a wakeup event is received during the PMC transition, the chip can only
recover by using an external hardware reset or by cycling power.
Work-around:
Make sure that a wakeup signal is not received during the Deep Sleep, Power Down, or
Deep Power Down transition period. An example circuit to work around this could include
an external 6 uS one shot which could be triggered via software using a GPIO line when
entering Deep Sleep, Power Down, or Deep Power Down mode. The one-shot's output
could be used to gate the wakeup signal(s) to prevent receiving a wakeup signal during
the PMC transition period. Depending on the system design, it may also be needed to
latch the wakeup signal(s) so that they will still be present after the one-shot's 6 uS
timeout.
Fig 1.
PMC wakeup keep-out area
PMC state
Run mode
Low power mode
6 us
PMC software
trigger
PMC transition period
Wakeup signal
asserted (ok)
Keep-out area


Similar Part No. - LPC4325JET100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4325JET100 NXP-LPC4325JET100 Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
More results

Similar Description - LPC4325JET100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Pulse A Technitrol Comp...
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
logo
NXP Semiconductors
ES-LPC407X-8X NXP-ES-LPC407X-8X Datasheet
31Kb / 6P
   Errata sheet LPC407x/8x
Rev. 1-24 September 2012
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
   PIC12C508/509 Data Sheet Errata
02/12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com