Electronic Components Datasheet Search |
|
0354560000 Datasheet(PDF) 11 Page - Weidmuller |
|
0354560000 Datasheet(HTML) 11 Page - Weidmuller |
11 / 52 page Dimensions/approvals Width/length/height (mm) with TS 32 Y Width/length/height (mm) with TS 35 x 7.5 W Insulation stripping length/clamping screw/screwdriver blade Rated data according to IEC 60 947-7-1 Rated voltage/current/cross-section Rated impulse voltage/pollution severity Further technical data Tightening torque range Nm Torque setting with electric screwdriver type DMS 2 Clampable conductor Solid H07V-U mm2 Stranded H07V-R mm2 Flexible H07V-K mm2 Flexible H07V-K and ferrule according to DIN 46 228/1 mm2 Plug gauge according to 60 947-7-1 Size Continuous current of terminal for conductor size Continuous current rating of cross-connection 2…5-pole A Continuous current rating of cross-connection 6…10-pole A Rated data according to UL/CSA Voltage/current/conductor size UL Voltage/current/conductor size CSA Ordering data Version KrG End plate, hard paper (thickness mm) 0205100000, 0180500000 0205200000, 0180600000 tropic-proof 0180700000, 0205300000 0180800000, 0205400000tropic-proof Partition, hard paper (thickness mm) 0151400000 0164600000 tropic-proof 0177100000 B/L/H (incl. TS 32) mm 0179900000 B/L/H (incl. TS 35) mm Cross-connection 2-pole, QL 2 3-pole, QL 3 4-pole, QL 4 Cover Marking tags Print DEK Standard 134 Feed-through terminals r # u DNV 32/84/54 32/84/53 –/M 8/– 1000 V*/192 A/70 mm2 8 kV/3 6…12 192 A/90 mm2 (QL 2) 192 600 V/200 A/2/0…4/0 AWG Y Qty. W Qty. 0150420000 10 0636620000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. EP 1/35 (2) 0180500000 10 EP 1/35 (2) 0180600000 10 Y+W Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120/75.5 2/120/75.5 Y+W Qty. 0194000000 10 0441500000 10 0441600000 10 AH 32 0326760000 5 DEK 5 see “Accessories” a r # u 40/95/84 46/95/85.5 27 mm/M 10/– 1000 V*/232 A/95 mm2 8 kV/3 10...20 10…95 10…95 10…95 10…35 B 12 232 A/95 mm2 (QL 2) 232 600 V/195 A/4/0 AWG 600 V/250 A/2/0…4/0AWG Y Qty. W Qty. 028682000010 0637520000 5 Y Cat. No. Qty. EP 2 (2) 0205300000 10 EP 2 (2) 0205400000 10 W Cat. No. Qty. EP 2/35 (2) 0180700000 10 EP 2/35 (2) 0180800000 10 Y+W Qty. TW 2 (2) 0177100000 10 TW 2 (2) 0179900000 10 2/160/90.5 2/160/90.5 Y Qty. W Qty. 0194100000 10 0211400000 10 0263500000 10 0444900000 10 0409800000 10 0445000000 10 AH 40 0326860000 5 DEK 5 see “Accessories” a r # u DNV 40/90/53 46/90/53 –/M 10/– 1000 V*/232 A/95 mm2 8 kV/3 10…20 232 A/95 mm2 (QL 2) 232 600 V/230 A/4/0 AWG 600 V/250 A/2/0…4/0 AWG Y Qty. W Qty. 017052000010 0637720000 5 Y Cat. No. Qty. EP 2 (2) 0205300000 10 EP 2 (2) 0205400000 10 W Cat. No. Qty. EP 2/35 (2) 0180700000 10 EP 2/35 (2) 0180800000 10 Y+W Qty. TW 2 (2) 0177100000 10 TW 2 (2) 0179900000 10 2/160/90.5 2/160/90.5 Y Qty. W Qty. 0194100000 10 0211400000 10 0263500000 10 0444900000 10 0409800000 10 044500000010 AH 40 0326860000 5 DEK 5 see “Accessories” r # u 40/90/55 46/90/55 –/M 10/– 1000 V*/232 A/95 mm2 8 kV/3 10…20 232 A/95 mm2 (QL 2) 232 600 V/230 A/4/0 AWG 600 V/250 A/2/0…4/0 AWG Y Qty. W Qty. 0185220000 10 0637820000 5 Y Cat. No. Qty. EP 2 (2) 0205300000 10 EP 2 (2) 0205400000 10 W Cat. No. Qty. EP 2/35 (2) 0180700000 10 EP 2/35 (2) 0180800000 10 Y+W Qty. TW 2 (2) 0177100000 10 TW 2 (2) 0179900000 10 2/160/90.5 2/160/90.5 Y Qty. W Qty. 0194100000 10 0211400000 10 0263500000 10 0444900000 10 0409800000 10 0445000000 10 AH 40 0326860000 5 DEK 5 see “Accessories” *During conductor connection, observe clearance and creepage distances. Insert partitions if necessary. Mounting rails, end brackets, further marking material see “Accessories” W Y W Y W Y W SAKG 70 II G SAKG 70/35 II G SAKG 40 I SAKG 40/35 I SAKG 40 II SAKG 40/35 II SAKG 40 II G SAKG 40/35 II G |
Similar Part No. - 0354560000 |
|
Similar Description - 0354560000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |