Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDA1040S-G Datasheet(PDF) 4 Page - Hantronix,Inc

Part # HDA1040S-G
Description  10.4?? TFT SVGA (800 X 600) COLOR LCD DISPLAY MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDA1040S-G Datasheet(HTML) 4 Page - Hantronix,Inc

  HDA1040S-G Datasheet HTML 1Page - Hantronix,Inc HDA1040S-G Datasheet HTML 2Page - Hantronix,Inc HDA1040S-G Datasheet HTML 3Page - Hantronix,Inc HDA1040S-G Datasheet HTML 4Page - Hantronix,Inc HDA1040S-G Datasheet HTML 5Page - Hantronix,Inc HDA1040S-G Datasheet HTML 6Page - Hantronix,Inc HDA1040S-G Datasheet HTML 7Page - Hantronix,Inc HDA1040S-G Datasheet HTML 8Page - Hantronix,Inc HDA1040S-G Datasheet HTML 9Page - Hantronix,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HANTRONIX, INC.
10080 BUBB RD.
CUPERTINO, CA 95014
DATE:
Q.A.:
REV.:
Z.W.
1.0
SHEET 4 OF 21
5/31/12
HDA1040S-G


Similar Part No. - HDA1040S-G

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA1040S-GH HANTRONIX-HDA1040S-GH_15 Datasheet
89Kb / 2P
   10.4 SVGA (800 X600) High Brigthess
HDA1040S-G HANTRONIX-HDA1040S-G_15 Datasheet
90Kb / 2P
   10.4 SVGA (800 X600) LED Driver
More results

Similar Description - HDA1040S-G

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AWK-3201 AAEON-AWK-3201 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
logo
AU Optronics Corp.,
G104SN03V.2 AUO-G104SN03V.2 Datasheet
314Kb / 27P
   10.4 inch SVGA Color TFT LCD Module
G104SN03V.0 AUO-G104SN03V.0 Datasheet
329Kb / 25P
   10.4 inch SVGA Color TFT LCD Module
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
APC-8122 AAEON-APC-8122 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
AMB-232A AAEON-AMB-232A Datasheet
229Kb / 2P
   10.4??TFT SVGA LCD
AP-LD9687M08400 AAEON-AP-LD9687M08400 Datasheet
199Kb / 1P
   High Contrast Color TFT LCD display 800 x 600
logo
Purdy Electronics Corpo...
AND12C285-DHB-KIT PURDY-AND12C285-DHB-KIT Datasheet
677Kb / 5P
   SVGA Color TFT LCD Module
AND12C285-4HB PURDY-AND12C285-4HB Datasheet
578Kb / 5P
   SVGA Color TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com