Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-845M Datasheet(PDF) 10 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-845M
Description  Property of LITE-ON Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-845M Datasheet(HTML) 10 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-845M Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. LTV-845M Datasheet HTML 13Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
Fig.5 Current Transfer Ratio vs. Forward
Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
F
F
CE
0
-30
0
Ta= 75 C
50 C
25 C
0 C
-25 C
V
= 2V
Ta= 25 C
CE
Ta= 25 C
I = 10mA
Pc(MAX.)
5mA
2mA
1mA
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
F
Ta= 25 C
Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Forward voltage V (V)
Forward current I (mA)
Forward current I (mA)
Collector-emitter voltage V
(V)
o
o
0
25
50
75
100
125
10
20
30
40
50
60
-30
0
0
125
25
50
75
100
50
100
150
200
0
0
0.5 1.0 1.5 2.0 2.5
4.0
3.0 3.5
1
2
3
4
5
6
7
8
o
0
1
0.5
1.0
3.0
1.5
2.0
2.5
2
5
10
20
50
100
200
500
o
o
o
o
o
0
0.1
0.2
0.5
1
2
5
10
400
800
1200
1600
2000
0
20
40
60
80
100
1
2345
O
O
Voltage
F
Part No. : LTV-815 / 825 / 845 ( M, S, S-TA1 )
Page : 10 of 12
BNS-OD-C131/A4


Similar Part No. - LTV-845M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-845M LITEON-LTV-845M Datasheet
359Kb / 12P
   LED
More results

Similar Description - LTV-845M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com