Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP974096 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP974096
Description  CMOS 16-bit Single Chip Microcomputer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP974096 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP974096 Datasheet HTML 2Page - Sony Corporation CXP974096 Datasheet HTML 3Page - Sony Corporation CXP974096 Datasheet HTML 4Page - Sony Corporation CXP974096 Datasheet HTML 5Page - Sony Corporation CXP974096 Datasheet HTML 6Page - Sony Corporation CXP974096 Datasheet HTML 7Page - Sony Corporation CXP974096 Datasheet HTML 8Page - Sony Corporation CXP974096 Datasheet HTML 9Page - Sony Corporation CXP974096 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
– 6 –
CXP974096
PH0/SDA
PH1/SCL
PH2/RxD
PH3/TxD
PH4/RMC
PH5
PH6/XWR
PH7/XRD
PI0/SCS2
PI1/SI2
PI2/SO2
PI3/SCK2
PI4/AN0/
KS0
to PI7/AN3/
KS3
PJ0/AN4/
KS4
to PJ7/AN11/
KS11
PK0 to PK2
PK3/ADTEN
PK4/ADTRG
PK5
PK6
EXTAL
XTAL
RST
AVDD
AVREF
AVss
VDD
Vss
NC
Output / I/O
Output / I/O
I/O / Input
I/O / Output
I/O / Input
I/O
Output / Output
Output / Output
I/O / Input
I/O / Input
I/O / Output
I/O / I/O
I/O / Input /
Input
I/O / Input /
Input
I/O
I/O / Input
I/O / Input
Output
Input
Input
Input
(Port I)
8-bit I/O port. I/O can
be specified in 1-bit
units.
(8 pins)
(Port J)
8-bit I/O port. I/O can
be specified in 1-bit
units.
(8 pins)
(Port K)
7-bit port. Lower 5 bits
are for I/O; upper 2 bits
are for output. Lower
5 bits can be specified
in 1-bit units.
(7 pins)
Connects a crystal for main clock oscillation. (When the clock is supplied
externally, input it to EXTAL and input an opposite phase clock to XTAL.)
System reset. Active at "L" level.
Positive power supply for A/D converter. (Must be the same voltage with
VDD)
Reference voltage input for A/D converter. (Must be the same voltage with
VDD)
GND for A/D converter.
Positive power supply.
(Connect both VDD pins to positive power supply.)
GND. (Connect all four Vss pins to GND.)
NC. (NC is used for FLASH EEPROM incorporated version.)
I2C bus interface data I/O.
I2C bus interface clock I/O.
UART reception data input.
UART transmission data output.
Remote control receive circuit input.
External register interface write signal.
External register interface read signal.
Serial chip select (CH2) input.
Serial data (CH2) input.
Serial data (CH2) output.
Serial clock (CH2) I/O.
Analog input for
A/D converter.
(12 pins)
A/D converter operation enable input by external
trigger.
External trigger input for A/D converter.
Standby release input
function can be
specified in 1-bit units.
(12 pins)
Symbol
I/O
Functions
(Port H)
8-bit port. Lower 2 bits
are for large current
N-ch open drain
outputs; medium 4 bits
are for I/O; upper 2 bits
are for output. Medium
4 bits can be specified
in 1-bit units.
(8 pins)


Similar Part No. - CXP974096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP974F096 SONY-CXP974F096 Datasheet
401Kb / 40P
   CMOS 16-bit Single Chip Microcomputer
More results

Similar Description - CXP974096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com