Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-847M Datasheet(PDF) 11 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-847M
Description  Property of LITE-ON Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-847M Datasheet(HTML) 11 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-847M Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 13Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 14Page - Shenzhen Tenand Technology Co., Ltd. LTV-847M Datasheet HTML 15Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
RANK TABLE OF CURRENT TRANSFER RATIO CTR
MODEL NO.
RANK MARK
CTR ( % )
L
50 ~ 100
A
80 ~ 160
B
130 ~ 260
C
200 ~ 400
D
300 ~ 600
LTV-817
L or A or B or C or D
50 ~ 600
No Bin
50~600
B
130 ~ 260
C
200 ~ 400
BC
130~400
LTV-827
CD
200~600
No Bin
50~600
BC
130~400
LTV-847
CD
200~600
CONDITIONS
IF = 5 mA
VCE = 5 V
Ta = 25
°C
Part No. : LTV-817 / 827 / 847 (M, S, S-TA, S-TA1, S-TP) Series
Page : 11
of 15
BNS-OD-C131/A4


Similar Part No. - LTV-847M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-847M LITEON-LTV-847M Datasheet
560Kb / 14P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-847M TENAND-LTV-847M Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-847M LITEON-LTV-847M Datasheet
600Kb / 15P
   LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only
LTV-847M LITEON-LTV-847M Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV-847M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com