Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G14FW4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AUP1G14FW4-7
Description  SINGLE SCHMITT-TRIGGER INVERETER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G14FW4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G14FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G14FW4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AUP1G14
Document number: DS35152 Rev. 1 - 2
6 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G14
Switching Characteristics
CL=5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
19.9
ns
1.2V ± 0.1V
2.0
8.5
12.0
2.0
13.1
2.0
13.1
1.5V ± 0.1V
1.5
4.3
6.6
1.5
7.1
1.5
7.4
1.8V ± 0.15V
1.2
3.7
5.4
1.2
6.0
1.2
6.2
2.5V ± 0.2V
1.0
3.0
4.1
1.0
4.5
1.0
4.7
3.3V ± 0.3V
0.8
2.8
3.6
0.8
3.9
0.8
4.0
CL=10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
23.4
ns
1.2V ± 0.1V
2.5
8.7
13.7
2.5
13.8
2.5
13.9
1.5V ± 0.1V
2.0
5.0
7.7
2.0
8.2
2.0
8.6
1.8V ± 0.15V
1.7
4.2
6.2
1.7
6.7
1.7
7.1
2.5V ± 0.2V
1.4
3.6
4.8
1.4
5.2
1.4
5.5
3.3V ± 0.3V
1.2
3.3
4.3
1.2
4.5
1.2
4.7
CL=15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
26.9
ns
1.2V ± 0.1V
2.9
9.2
15.3
2.9
17
2.9
17
1.5V ± 0.1V
2.3
5.5
8.6
2.3
9.4
2.3
9.8
1.8V ± 0.15V
2.1
4.7
7
2.1
7.7
2.1
8.1
2.5V ± 0.2V
1.7
4
5.5
1.7
5.9
1.7
6.2
3.3V ± 0.3V
1.5
3.8
4.8
1.5
5.2
1.5
5.4
CL=30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
37.3
ns
1.2V ± 0.1V
3.9
11.2
20.7
3.9
22.5
3.9
22.5
1.5V ± 0.1V
3.2
7.1
11.2
3.2
12.3
3.2
12.9
1.8V ± 0.15V
2.9
6.0
9.1
2.9
10.0
2.9
10.6
2.5V ± 0.2V
2.5
5.2
6.9
2.5
7.5
2.5
7.9
3.3V ± 0.3V
2.3
4.8
6.1
2.3
7.1
2.3
7.4


Similar Part No. - 74AUP1G14FW4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
More results

Similar Description - 74AUP1G14FW4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com