Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74270106 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74270106
Description  WE-TOF EMI Suppression Toroidal Ferrite
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74270106 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74270106 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270106 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270106 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270106 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0
4.0
REV
2012-09-26
2006-06-28
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TOF EMI Suppression Toroidal Ferrite
Order.- No.
74270106
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 2 turns
Test conditions
25 MHz
100 MHz
25 MHz
100 MHz
Z
Z
Z
Z
Value
67
107
272
342
Unit
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
typ.
typ.
E General information:
Storage Temperature (before assembly): -20°C to +60°C
Operating Temperature: -25°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74270106

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427010 WURTH-7427010 Datasheet
408Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270104 WURTH-74270104 Datasheet
427Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
More results

Similar Description - 74270106

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74270113 WURTH-74270113 Datasheet
421Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427014 WURTH-7427014 Datasheet
425Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427015 WURTH-7427015 Datasheet
413Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270117 WURTH-74270117 Datasheet
429Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270198 WURTH-74270198 Datasheet
443Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270151 WURTH-74270151 Datasheet
432Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427010 WURTH-7427010 Datasheet
408Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
742701703 WURTH-742701703 Datasheet
421Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
7427013 WURTH-7427013 Datasheet
439Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270120 WURTH-74270120 Datasheet
417Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
74270181 WURTH-74270181 Datasheet
429Kb / 4P
   WE-TOF EMI Suppression Toroidal Ferrite
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com