Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G125FZ4-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AUP1G125FZ4-7
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G125FZ4-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AUP1G125FZ4-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74AUP1G125
Document number: DS35157 Rev. 1 - 2
4 of 13
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G125
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40°C to +85°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
0.8V to 1.65V
0.80 X VCC
0.80 X VCC
V
1.65V to 1.95V
0.65 X VCC
0.65 X VCC
2.3V to 2.7V
1.6
1.6
3.0V to 3.6V
2.0
2.0
VIL
Low-Level Input
Voltage
0.8V to 1.65V
0.30 X VCC
0.30 X VCC
V
1.65V to 1.95V
0.35 X VCC
0.35 X VCC
2.3V to 2.7V
0.7
0.7
3.0V to 3.6V
0.9
0.9
VOH
High-Level
Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.1
VCC – 0.1
V
IOH = -1.1mA
1.1V
0.75 X VCC
0.7 X VCC
IOH = -1.7mA
1.4V
1.11
1.03
IOH = -1.9mA
1.65V
1.32
1.3
IOH = -2.3mA
2.3V
2.05
1.97
IOH = -3.1mA
1.9
1.85
IOH = -2.7mA
3V
2.72
2.67
IOH = -4mA
2.6
2.55
VOL
High-Level Input
Voltage
IOL = 20μA
0.8V to 3.6V
0.1
0.1
V
IOL = 1.1mA
1.1V
0.3 X VCC
0.3 X VCC
IOL = 1.7mA
1.4V
0.31
0.37
IOL = 1.9mA
1.65V
0.31
0.35
IOL = 2.3mA
2.3V
0.31
0.33
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
3V
0.31
0.33
IOL = 4 mA
0.44
0.45
II
Input Current
A or B Input
VI = GND to 3.6V
0 to 3.6V
±0.1
±0.5
μA
IOFF
Power Down
Leakage Current
VI or VO = 0V to 3.6V
0
±0.2
±0.5
μA
IOZ
Z State
Leakage Current
VO = 3.6V
Vi = 3.6V
3.6V
±0.2
±0.5
μA
ΔIOFF
Delta Power
Down Leakage
Current
VI or VO = 0V to 3.6V
0 to 0.2V
0.2
0.6
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
0.5
0.9
μA
ΔICC
Additional Supply
Current
Data input at VCC -0.6V
OE= GND IO=0 A
3.3V
40
50
μA
OE input at VCC -0.6V
Data Input = GND or
Vcc, IO=0 A
3.3V
110
120
μA
OE input at VCC
Data Input = GND to 3.6V
IO = 0A
0.8V to 3.6V
1
1
μA


Similar Part No. - 74AUP1G125FZ4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125 Datasheet
104Kb / 21P
   Low-power buffer/line driver; 3-state
Rev. 02-30 June 2006
logo
Nexperia B.V. All right...
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
logo
Texas Instruments
74AUP1G125DBVRE4 TI-74AUP1G125DBVRE4 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DBVRE4 TI-74AUP1G125DBVRE4 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74AUP1G125FZ4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com