Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G125FW4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AUP1G125FW4-7
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G125FW4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G125FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G125FW4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74AUP1G125
Document number: DS35157 Rev. 1 - 2
6 of 13
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G125
Switching Characteristics
CL=5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
20.6
ns
1.2V ± 0.1V
2.8
5.5
10.5
2.5
11.7
2.5
12.9
1.5V ± 0.1V
2.0
3.9
6.1
1.9
7.3
1.9
8.1
1.8V ± 0.15V
1.9
3.2
4.8
1.7
6.1
1.7
6.7
2.5V ± 0.2V
1.6
2.6
3.6
1.4
4.3
1.4
4.9
3.3V ± 0.3V
1.2
2.4
3.1
1.2
3.9
1.2
4.4
ten
OE
Y
0.8V
69.9
ns
1.2V ± 0.1V
3.1
6.1
11.8
2.9
13.9
2.9
15.4
1.5V ± 0.1V
2.3
4.2
6.6
2.2
7.7
2.2
8.3
1.8V ± 0.15V
2.0
3.4
5.1
1.9
6.2
1.9
6.8
2.5V ± 0.2V
1.8
2.6
3.7
1.7
4.5
1.7
5.0
3.3V ± 0.3V
1.7
2.4
3.1
1.7
3.5
1.7
3.9
tdis
OE
Y
0.8V
14.3
ns
1.2V ± 0.1V
2.7
4.3
6.5
2.7
7.3
2.7
8.2
1.5V ± 0.1V
2.1
3.2
5.1
2.1
5.7
2.1
5.7
1.8V ± 0.15V
2.0
3.0
4.9
2.0
5.4
2.0
5.7
2.5V ± 0.2V
1.4
2.7
3.9
1.4
4.0
1.4
4.1
3.3V ± 0.3V
1.3
2.5
3.2
1.3
3.4
1.3
3.9
CL=10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
24.0
ns
1.2V ± 0.1V
3.2
6.4
12.3
3.0
13.8
3.0
15.2
1.5V ± 0.1V
2.1
4.5
7.3
1.9
8.5
1.9
9.4
1.8V ± 0.15V
1.9
3.8
5.5
1.7
6.8
1.7
7.6
2.5V ± 0.2V
1.7
3.2
4.2
1.6
5.3
1.6
5.9
3.3V ± 0.3V
1.4
3.0
3.8
1.4
4.6
1.4
5.2
ten
OE
Y
0.8V
73.7
ns
1.2V ± 0.1V
3.6
6.9
13.5
3.4
15.8
3.4
17.5
1.5V ± 0.1V
2.3
4.8
7.7
2.2
8.6
2.2
9.4
1.8V ± 0.15V
2.0
3.9
5.8
1.9
6.8
1.9
7.4
2.5V ± 0.2V
1.8
3.2
4.3
1.7
5.3
1.7
5.9
3.3V ± 0.3V
1.7
3.0
3.9
1.7
4.3
1.7
4.8
tdis
OE
Y
0.8V
32.7
ns
1.2V ± 0.1V
3.4
5.4
7.9
3.4
8.8
3.4
9.9
1.5V ± 0.1V
2.2
4.1
5.5
2.2
6.2
2.2
7.1
1.8V ± 0.15V
2.2
4.2
5.6
1.9
6.3
1.9
7.1
2.5V ± 0.2V
1.7
3.0
5.2
1.7
5.5
1.7
6.1
3.3V ± 0.3V
1.9
3.8
4.8
1.7
5.0
1.7
5.6


Similar Part No. - 74AUP1G125FW4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125 Datasheet
104Kb / 21P
   Low-power buffer/line driver; 3-state
Rev. 02-30 June 2006
logo
Nexperia B.V. All right...
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
logo
Texas Instruments
74AUP1G125DBVRE4 TI-74AUP1G125DBVRE4 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DBVRE4 TI-74AUP1G125DBVRE4 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74AUP1G125FW4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com