Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC06AT14 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC06AT14
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC06AT14 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC06AT14 Datasheet HTML 2Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 3Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 4Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 5Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 6Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 7Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 8Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 9Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LVC06A
Document number: DS35259 Rev. 4 - 2
6 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC06A
Parameter Measuement Information
VCC
Inputs
VM
VLOAD
CL
RL
V
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
2 X VCC
30pF
1K
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 X VCC
30pF
500
0.15V
2.7V
2.7V
≤2ns
1.5V
6V
50pF
500
0.3V
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
50pF
500
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2 X VCC
50pF
500
0.3V
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. The inputs are measured one at a time with one transition per measurement.
D. tPZL is measured at VM.
E. tPLZ is measured at VOL +V∆.
Figure 1. Load Circuit and Voltage Waveforms
TEST
Condition
tPLZ (see Note E)
tPZL(see Note D)
VLOAD
VLOAD


Similar Part No. - 74LVC06AT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
   Hex inverter with open-drain outputs
2000 Mar 07
logo
ON Semiconductor
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
74LVC06A ONSEMI-74LVC06A Datasheet
94Kb / 7P
   Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
More results

Similar Description - 74LVC06AT14

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com