Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807AW5-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL8807AW5-7
Description  HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807AW5-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL8807AW5-7 Datasheet HTML 3Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 4Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 5Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 6Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 7Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 8Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 9Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 10Page - Diodes Incorporated AL8807AW5-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AL8807A
Document number: DS35990 Rev. 1 - 2
7 of 20
www.diodes.com
September 2012
© Diodes Incorporated
AL8807A
Typical Performance Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
6
9
12
15
18
21
24
27
30
33
36
INPUT VOLTAGE (V)
Figure 13 Duty Cycle vs. Input Voltage
R = 150m
L = 33µH
T = 25°C
2 LEDs
CTRL Open
S
A
Ω
6
9
12
15
18
21
24
27
30
30
36
INPUT VOLTAGE (V)
Figure 14 Efficiency vs. Input Voltage
100
70
75
80
85
90
95
L= 68µH
R = 300m
CTRL Floating
T = +25°C
S
A
Ω
1LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs 7 LEDs 8 LEDs
0
100
200
300
400
500
600
700
800
6
9
12
15
18
21
24
27
30
33
36
INPUT VOLTAGE (V)
Figure 15 Switching Frequency vs. Input Voltage
2 LEDs
3 LEDs 4 LEDs
5 LEDs 6 LEDs
7 LEDs
8 LEDs
R = 300m
L = 68µH
T = 25°C
CTRL Open
S
A
Ω
1 LED
0.3
0.31
0.32
0.33
0.34
0.35
0.36
6
9
12
15
18
21
24
27
30
33
36
INPUT VOLTAGE (V)
Figure 16 330mA LED Current vs. Input Voltage
0.60
0.62
0.64
0.66
0.68
0.70
0.72
0.74
6
9
12
15
18
21
24
27
30
33
36
INPUT VOLTAGE (V)
Figure 17 670mA LED Current vs. Input Voltage
1 LED
2 LEDs
3 LEDs 4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
R = 150m
L = 68µH
T = 25°C
CTRL Open
S
A
Ω
0.90
0.95
1.00
1.05
1.10
6
9
12
15
18
21
24
27
30
33
36
INPUT VOLTAGE (V)
Figure 18 1A LED Current vs. Input Voltage
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
R = 100m
L = 68µH
T = 25°C
V
= Open
S
A
CTRL
Ω


Similar Part No. - AL8807AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807AW5-7 DIODES-AL8807AW5-7 Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
More results

Similar Description - AL8807AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
   HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
   36V/1.2A high dimming ratio LED driver
logo
Shenzhen Tianyuan Semic...
TP4205 TPOWER-TP4205 Datasheet
470Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com