Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4700EVM-094 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A4700EVM-094
Description  TPS7A4700EVM-094 Evaluation Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4700EVM-094 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A4700EVM-094 Datasheet HTML 1Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 2Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 3Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 4Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 5Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 6Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 7Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 8Page - Texas Instruments TPS7A4700EVM-094 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
Operation
2.3
Initial Setup and Equipment Interconnect
Select the desired V
OUT by programming the output voltage according to the instructions listed above in
the Output Voltage Set Note in Section 2.1.
Disable the EVM by adding a shorting jumper to J9 from EN (Pin 2) to OFF (Pin3).
Before connecting the input power supply to the EVM, verify that the output voltage is set to the
desired supply voltage (+3 V to +35 V range) and that it is current limited to 2 A. With the input power
supply turned off, connect the positive voltage lead (+) from the power supply to V
IN (J1, Pin 1) of the
EVM. Next, connect the ground lead (-) from the power supply to GND (J2, Pin 1).
Connect a 0- to 1-A load between V
OUT (J3, Pin 1) and GND (J4, Pin 1).
3
Operation
1. Turn on the input power supply and verify that the output voltage, V
OUT, is near 0 V.
2. Enable the output by reconnecting the jumper on J9 to short the EN (Pin 2) to the ON (Pin 1).
3. Vary the load current and V
IN voltage as necessary for test purposes.
NOTE: Note: Power dissipation (P
DISP) across the TPS7A4700 is dependent on the VIN to VOUT
voltage drop and the output load current, I
Load (PDISP = (VIN – VOUT) × ILoad). If the power
dissipation is high, the output voltage may continuously transition on-off-on, due to the
shutdown effect of the thermal limit shutdown circuit.
4
Test Results
This section provides typical performance waveforms for the EVM, characteristic of this design.
4.1
Turn On Characteristic
Figure 1 shows the V
OUT ramp-up waveform at turn-on (ENable) as well as the input surge current into the
IN pin of the LDO itself when the LDO starts-up into a fully loaded output.
Figure 1. Turn On Sequence
3
SLVU741 – May 2012
TPS7A4700EVM-094 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS7A4700EVM-094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4700EVM-094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com