Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10601 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UM10601
Description  LPC800 User manual
Download  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UM10601 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UM10601 Datasheet HTML 5Page - NXP Semiconductors UM10601 Datasheet HTML 6Page - NXP Semiconductors UM10601 Datasheet HTML 7Page - NXP Semiconductors UM10601 Datasheet HTML 8Page - NXP Semiconductors UM10601 Datasheet HTML 9Page - NXP Semiconductors UM10601 Datasheet HTML 10Page - NXP Semiconductors UM10601 Datasheet HTML 11Page - NXP Semiconductors UM10601 Datasheet HTML 12Page - NXP Semiconductors UM10601 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
9 of 313
NXP Semiconductors
UM10601
Chapter 2: LPC800 Memory mapping
2.2.1 Memory mapping
2.2.2 Micro Trace Buffer (MTB)
The LPC800 supports the ARM Cortex-M0+ Micro Trace Buffer.
The private peripheral bus includes the ARM Cortex-M0+ peripherals such as the NVIC, SysTick, and the core control registers.
Fig 2.
LPC800 Memory mapping
$3%SHULSKHUDOV
[
[
[&
[
[
[
[
[
[&
[
[
[
[&
[
[
[&
[
[
[
[
[&
[
[
::'7
057
VHOIZDNHXSWLPHU
308
UHVHUYHG
DQDORJFRPSDUDWRU
[&
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
[
[















UHVHUYHG
UHVHUYHG
[
*%
*%
*%
*%
[
[)))
[)))
[
[
[
[))))))))
UHVHUYHG
UHVHUYHG
UHVHUYHG
[
[
$3%SHULSKHUDOV
[
[$
[$
&5&
6&7
*3,2
[$
SLQLQWHUUXSWVSDWWHUQPDWFK
[
N%65$0 /3&
[
N%65$0 /3&
[
N%65$0 /3&
[
[
N%07%
/3&
[
[
[
N%RQFKLSIODVK /3&
N%RQFKLSIODVK /3&
N%RQFKLSIODVK /3&
N%ERRW520
[
[&
DFWLYHLQWHUUXSWYHFWRUV
DDD
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
IODVKFRQWUROOHU
63,
VZLWFKPDWUL[
,2&21
6<6&21
[



63,
86$57
[
86$57
[&
86$57
[

[(
[(
SULYDWHSHULSKHUDOEXV
,&





UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG






Similar Part No. - UM10601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
   The PM8803 is a highly integrated device embedding
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
More results

Similar Description - UM10601

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
ATMEL Corporation
E1106 ATMEL-E1106 Datasheet
480Kb / 14P
   E1106 User Manual
logo
Freescale Semiconductor...
MC68040FE33A FREESCALE-MC68040FE33A Datasheet
13Mb / 450P
   MICROPROCESSORS USER MANUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com