Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603JR-070RL Datasheet(PDF) 11 Page - Texas Instruments

Part # RC0603JR-070RL
Description  Performance Demonstration Kit for the ADS130E08
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC0603JR-070RL Datasheet(HTML) 11 Page - Texas Instruments

Back Button RC0603JR-070RL Datasheet HTML 7Page - Texas Instruments RC0603JR-070RL Datasheet HTML 8Page - Texas Instruments RC0603JR-070RL Datasheet HTML 9Page - Texas Instruments RC0603JR-070RL Datasheet HTML 10Page - Texas Instruments RC0603JR-070RL Datasheet HTML 11Page - Texas Instruments RC0603JR-070RL Datasheet HTML 12Page - Texas Instruments RC0603JR-070RL Datasheet HTML 13Page - Texas Instruments RC0603JR-070RL Datasheet HTML 14Page - Texas Instruments RC0603JR-070RL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
www.ti.com
ADS130E08EVM Daughter-Card Hardware Overview
3
ADS130E08EVM Daughter-Card Hardware Overview
CAUTION
Many of the components on the ADS130E08EVM are susceptible to damage
by electrostatic discharge (ESD). Customers are advised to observe proper
ESD handling procedures when unpacking and handling the EVM, including the
use of a grounded wrist strap, bootstraps, or mats at an approved ESD
workstation. An electrostatic smock and safety glasses should also be worn.
The ADS130E08EVM-PDK board is a four-layer circuit board. The board layout and schematics are
appended to the end of this document.
The ADS130E08EVM-PDK is configured to be used with the TI MMB0 data converter evaluation platform.
The key features of the ADS130E08 system on a chip (SOC) are:
Eight integrated instrumentation amplifiers (INAs) and eight, 16-bit, high-resolution ADCs
Low power consumption
3-V to 5-V unipolar or bipolar analog supply, and 1.8-V to 3.3-V digital supply
SPI data interface
The following sections explain some of the hardware settings possible with the EVM for evaluating the
ADS130E08 under various test conditions.
3.1
Power Supply
The ADS130E08EVM mounts on the MMB0 board with connectors J1, J2, and J3. The main power
supplies (+5 V, +3.3 V, and +1.8 V) for the front-end board are supplied by the host MMB0 board through
connector J3. All other power supplies required for the front-end board are generated onboard by power
management devices.
The ADS130E08 operates in unipolar mode using a +3.0-V to +5.0-V analog supply (AVDD/AVSS) and a
+1.8-V to +3.3-V digital supply (DVDD), or in bipolar mode using the onboard analog supply (±1.5 V to
±2.5 V). The power consumption of the front-end board is measured by using the JP3 jumper. Power
down the ADS130E08 by shorting jumper JP4.
Test points TP4, TP5, TP6, TP7, TP8, TP9, TP10, and TP13 are provided to verify that the host power
supplies are correct. The corresponding voltages are shown in Table 1.
Table 1. Power-Supply Test Points
Test Point
Voltage
TP7
+5.0 V
TP4
–4.96 V
TP9
+1.8 V
TP10
+3.3 V
TP5
+3.0 V
TP13
+2.5 V
TP6
–2.5 V
TP8
GND
The front-end board must be properly configured in order to achieve the various power-supply schemes.
The default power-supply setting for the ADS130E08EVM is a bipolar analog supply of ±2.5 V, and there
are onboard options to switch to a unipolar analog supply of +3 V. The digital supply (DVDD) is selectable
to either +3.3 V or +1.8 V. Table 2 shows the board and component configurations for each analog power-
supply scheme. Table 3 shows the board configurations for the digital supply. Note that the EVM is
shipped with the analog supply set to ±2.5 V and digital supplies set to 3.3 V.
11
SBAU202 – June 2012
Performance Demonstration Kit for the ADS130E08
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - RC0603JR-070RL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0603JR-070RL TI1-RC0603JR-070RL Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
RC0603JR-070RL TI1-RC0603JR-070RL Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
Recom International Pow...
RC0603JR-070RL RECOM-RC0603JR-070RL Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
Infineon Technologies A...
RC0603JR-070RL INFINEON-RC0603JR-070RL Datasheet
731Kb / 26P
   iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
RC0603JR-070RL INFINEON-RC0603JR-070RL Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
More results

Similar Description - RC0603JR-070RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
   Demonstration kit for the ST7570 power line modem
logo
Texas Instruments
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
STMicroelectronics
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
DEMO-CR95HF-A STMICROELECTRONICS-DEMO-CR95HF-A Datasheet
130Kb / 5P
   Demonstration kit for the CR95HF 13.56 MHz transceiver IC
September 2012 Rev 3
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
   Audio hub demonstration kit supporting the MP45DT02
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
   Power system demonstration kit based on the PM6686 dual
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
   Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com