Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-3560FG-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-3560FG-S6A1E
Description  Intel짰 Atom??Processor SCH US15W Qseven CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-3560FG-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-3560FG-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-3560FG-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-3560
Ordering Information
Part No.
CPU
L2
Cache Chipset IDE
Memory LVDS
VGA Giga
LAN
HD
Audio
PCIe
x1
USB
2.0
SATA
II
LPC SMBus ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-3560FG-S1A1E 1.1 GHz 512 KB Intel
US15W
-
512 MB
18/24-bit -
1
Yes
1
8
1
1
1
Yes
Yes
Passive
0 ~ 60° C
SOM-3560FG-S6A1E 1.6 GHz 512 KB Intel
US15W
No, 2
GB SSD
onboard
flash
1 GB
18/24-bit -
1
Yes
1
8
1
1
1
Yes
Yes
Passive
0 ~ 60° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB3500
Development Board for Qseven with GLAN
Packing List
Part No.
Description
Quantity
SOM-3560 CPU Module
1
Utility CD
1
Heatspreader
1
Embedded OS
OS
Part No.
Description
Win XPE
2070009031
XPE WES2009 Lu- Pier V4.0 MUI24
FSB 400/533 MT/S
400/533 MHz
SDVO
HD AUDIO
LPC
24Bit LVDS 1CH
PCIe x1
PCIe x1
IDE
SDIO 8 BIT
US15W
Intel Atom
Z510/ Z530
Q7 B2B INTERFACE
DDR2
SDRAM
DDR2
SDRAM
DDR2
SDRAM
DDR2
SDRAM
DDR2
SDRAM
DDR2
SDRAM
DDR2
SDRAM
DDR2
SDRAM
RTL8111D
Advantech
iManager
JM20330
SSD UP TO 4G
SST85LD1004T
BIOS


Similar Part No. - SOM-3560FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
889Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565M0-S6A1E ADVANTECH-SOM-3565M0-S6A1E Datasheet
850Kb / 2P
   CPU Module
More results

Similar Description - SOM-3560FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6760 ADVANTECH-SOM-6760 Datasheet
351Kb / 2P
   Intel짰 Atom??SCH US15W COM-Micro CPU Module
SOM-5760 ADVANTECH-SOM-5760 Datasheet
1Mb / 2P
   Intel짰 Atom??SCH US15W XL COM-Express CPU Module
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565_13 Datasheet
889Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3567 ADVANTECH-SOM-3567_V01 Datasheet
749Kb / 2P
   Intel짰 Atom??E3800 & Celeron짰 Processor QSeven CPU Module
16-Aug-2018
logo
List of Unclassifed Man...
EMQ-I2301 ETC2-EMQ-I2301 Datasheet
976Kb / 2P
   Intel Atom E3800 series processor Qseven??CPU Module
QSM-653E ETC2-QSM-653E Datasheet
437Kb / 2P
   Wide-Range Temperature Intel짰 Atom??N2600 Qseven??CPU Module
logo
Advantech Co., Ltd.
SOM-3568 ADVANTECH-SOM-3568_17 Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
SOM-3567 ADVANTECH-SOM-3567 Datasheet
736Kb / 2P
   Processor QSeven CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com