Electronic Components Datasheet Search |
|
8148930000 Datasheet(PDF) 5 Page - Weidmuller |
|
8148930000 Datasheet(HTML) 5 Page - Weidmuller |
5 / 52 page 128 Feed-through terminals Mounting rails, end brackets, further marking material see “Accessories” * Accepts LS 2.8 shield lugs Cat. No.1056400000 ** 2.5 mm2 conductor connection when using QB Y SAK 6 N SAK 6/10/35 SAK 10 SAK 10/10/35 SAK 16 SAK 16/35 DK4 QV* DK4 QV/35* W Y W Y W Y W a r # 6/54/60 6/54/60.5 9 mm/M 3/3.5 x 0.6 500 V/32 A/4 mm2 6 kV/3 0.5…1.0 2 0.5…4 0.5…4 0.5…4 0.5…4 A 3 32 A/4 mm2 32 32 300 V/27 A/22…12 AWG 300 V/10 A/26…12 AWG Y Qty. W Qty. 0590260000*1)1000363660000*1)100 0590280000*1)1000363680000*1)100 Type Cat. No. Qty. AP (1.5) 1397160000 20 AP (1.5) 1397180000 20 WTW (Ex) 1058800000 20 TW (2.0) 0607000000 20 TSch 6 0190260000 100 Q 2 0336400000 50 Q 3 0336500000 50 Q 4 0336600000 50 Q 10 0368600000 20 QB 2 0482700000** 100 QB 3 0482800000** 50 QB 4 0482900000** 50 AD 4 0303400000 50 BSK M 2.5 x18 0303300000 100 VL 2 04467000000 50 VH 10565000000 100 BS 03431000000 100 DEK 6 see “Accessories” a r i # LR u DNV 8/40/51.5 8/45/44 12 mm/M 3.5/4.0 x 0.8 800 V/41 A/6 mm2 8 kV/3 0.8…1.6 3 0.5…10 0.5…6 0.5…10 0.5…6 A 5 41 600 V/40 A/22…8 AWG 600 V/47 A/20…8 AWG Y Qty. W Qty. 0193220000100 0380520000100 0380570000100 019323 0000100 01932600001)10003805600001)100 01932800001)10003805800001)100 03227600001)10 03089600001)10 Type Cat. No. Qty. AP (1.5) 0117920000 20 AP (1.5) 0117970000 20 AP (1.5) 0117930000 20 AP (1.5) 0117960000 20 AP (1.5) 0117980000 20 TW (1.5) 0130120000 20 TW (1.5) 0130130000 20 TW (1.5) 0130160000 20 TW (1.5) 0130180000 20 TW (1.5) 0197100000 20 TSch 1 0319160000 100 Q 2 0456700000 50 Q 3 0456800000 50 Q 4 0456900000 50 Q 10 0457000000 20 AD 4 0196600000 50 BSK M 3x 22 0128900000 100 VL 2 0194700000 50 VH 0285100000 50 BS 0292500000 100 DEK 8 see “Accessories” a r i # LR u DNV 10/40/51.5 10/45/44 12 mm/M 4/5.5 x 1.0 800 V/57 A/10 mm2 8 kV/3 1.2...2.03) 4 1.5…10 2.5…16 1.5…10 1.5…10 B 6 76 A/16 mm2 57 600 V/60 A/14…6 AWG3) 600 V/65 A/14…6 AWG3) Y Qty. W Qty. 0110020000 100 0443720000 100 0110070000 100 0443770000 100 0110030000 100 01100600001)100 04437600001) 100 01100800001)100 04437800001) 100 05538600001) 10 03531600001) 10 Type Cat. No. Qty. AP (1.5) 0117920000 20 AP (1.5) 0117970000 20 AP (1.5) 0117930000 20 AP (1.5) 0117960000 20 AP (1.5) 0117980000 20 TW (1.5) 0130120000 20 TW (1.5) 0130170000 20 TW (1.5) 0130130000 20 TW (1.5) 0130160000 20 TW (1.5) 0130180000 20 TW (1.5) 0197100000 20 TSch 1 0319160000 100 Q 2 0457100000 50 Q 3 0457200000 50 Q 4 0457300000 50 Q 10 0457400000 20 AD 4 0178600000 50 BSK M 3x 22 0128900000 100 VL 2 0135900000 50 VH 0285100000 50 BS 0292500000 100 DEK 5 see “Accessories” a r i # LR u DNV 12/50/57.5 12/50/50 15 mm/M 4/5.5 x 1.0 1000 V/76 A/16 mm2 8 kV/3 1.2…2.4 4 2.5…10 4…162) 4…16 4…16 B 6 76 600 V/80 A/12…4 AWG 600 V/87 A/10…4 AWG Y Qty. W Qty. 0271020000 50 0380620000 50 0271030000 50 02710600001)50 03806600001)50 02710800001)50 03806800001)50 Type Cat No. Qty. AP (3.0) 0271120000 20 AP (3.0) 0271130000 20 AP (1.5) 0271160000 20 AP (1.5) 0271180000 20 TW (3.0) 0281120000 20 TW (3.0) 0281130000 20 TW (1.5) 0303660000 10 TW (1.5) 0303680000 10 TW (2.0) 0607000000 20 TSch 1 0319160000 100 Q 2 0457500000 50 Q 3 0457600000 50 Q 4 0457700000 50 Q 10 0457800000 20 AD 4 0518200000 50 BSKM3x22 0128900000 100 VL 2 0135800000 50 VH 0285100000 50 BS 0292500000 100 DEK 5 see “Accessories” Dimensions/approvals Width/length/height (mm) with TS 32 Y Width/length/height (mm) with TS 35 x 7.5 W Insulation stripping length/clamping screw/screwdriver blade Rated data according to IEC 60 947-7-1 Rated voltage/current/cross-section Rated impulse voltage/pollution severity Further technical data Tightening torque range Nm Torque setting with electric screwdriver type DMS 2 Clampable conductor Solid H07V-U mm2 Stranded H07V-R mm2 Flexible H07V-K mm2 Flexible H07V-K and ferrule according to DIN 46 228/1 mm2 With/without plastic insulating collar mm2 Plug gauge according to 60 947-7-1 Size Continuous current of terminal for conductor size Continuous current rating of cross-connection 2…5-pole A Continuous current rating of cross-connection 6…10-pole A Rated data according to UL/CSA Voltage/current/conductor size UL Voltage/current/conductor size CSA Ordering data Version KrG Blue KrG KrS PA Blue PA Orange PA Terminal block with marking Terminal block without marking End plate (thickness mm) AP KrG Blue KrG KrS PA Blue PA Partition (thickness mm) TW WTW Small partition KrG Blue KrG KrS PA Blue PA TSch 6 Cross-connection Q 4 QB 4 2-pole 3-pole 4-pole 10-pole Cover Switchable cross-connection link VL 2 BS VH Marking tags Print DEK Standard 1) Contact-proof with ADP 4 cover 2) Tightening torque for 16 mm23) Tightening torque for 16 mm2 profile (see section “Accessories”) stranded: 2 Nm and AWG6: 2 Nm |
Similar Part No. - 8148930000 |
|
Similar Description - 8148930000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |