Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0371420000 Datasheet(PDF) 4 Page - Weidmuller

Part # 0371420000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0371420000 Datasheet(HTML) 4 Page - Weidmuller

  0371420000 Datasheet HTML 1Page - Weidmuller 0371420000 Datasheet HTML 2Page - Weidmuller 0371420000 Datasheet HTML 3Page - Weidmuller 0371420000 Datasheet HTML 4Page - Weidmuller 0371420000 Datasheet HTML 5Page - Weidmuller 0371420000 Datasheet HTML 6Page - Weidmuller 0371420000 Datasheet HTML 7Page - Weidmuller 0371420000 Datasheet HTML 8Page - Weidmuller 0371420000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Feed-through terminals
127
Y
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
With/without plastic insulating collar
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Technical data
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
Blue KrG
KrS
PA
Blue PA
Orange PA
Terminal block with marking PA
Terminal block without marking PA
End plate (thickness mm)
KrG
Blue KrG
KrS
PA
Blue PA
PA
Blue PA
Partition (thickness mm)
TW
WTW
KrG
Blue KrG
KrS
PA
Blue PA
HP
Small partition
TSch 6
Cross-connection
Q 4
QB 4
2-pole
3-pole
4-pole
10-pole
2-pole
3-pole
4-pole
Switchable cross-connection link
VL 2
BS
VH
Marking tags
Print
DEK
Standard
* Accepts LS 2.8 shield lugs Cat. No. 1056400000
** 2.5 mm2 conductor connection when using QB
Mounting rails, end brackets, further marking material see “Accessories”
1
) Contact-proof cross-connec. with ADP 4 over profile (see “Accessories”)
2
) Not suitable for fuse pin SST 3
Y
W
a r i #
LR u DNV
6.5/40/51.5
800 V/32 A/4 mm2
8 kV/3
0.5…1.0
2
0.5…6
0.5…4
0.5…4
0.5…4
A 4
41 A/6 mm2
36
600 V/20 A/22…12 AWG
600 V/36 A/26…10 AWG
Y
Cat. No.
Qty.
0128320000
100
0128370000
100
0128330000
100
01283600001)2)100
01283800001)2)100
01050600001)2)100
03226600001)2)10
03088600001)2)10
Type
Cat. No.
Qty.
AP (1.5)
0117920000
20
AP (1.5)
0117970000
20
AP (1.5)
0117930000
20
AP (1.5)
0117960000
20
AP (1.5)
0117980000
20
TW (2.5) 0130120000
20
TW (2.5) 0103170000
20
TW (2.5) 0130130000
20
TW (1.5) 0130160000
20
TW (1.5) 0130180000
20
TW (1.0) 0197100000
20
TSch 1
0319160000
100
Q 2
0336700000
50
Q 3
0336800000
50
Q 4
0336900000
50
Q 10
0368800000
20
VL 2
0197000000
100
VH
0285100000
50
BS
0292500000
100
DEK 6.5
see “Accessories”
a r #
6/54/60
6/54/60.5
9/M 3/3.5 x 0.6
500 V/2 x 32 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
0.5…4
0.5…4
0.5…4
A 3
32 A/4 mm2
32
32
300 V/27 A/22…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
0590060000*1)100 05901600001)100
0590080000*1)100 05901800001)100
1323860000*1)10
Type
Cat. No.
Qty.
AP (1.5)
1397160000
20
AP (1.5)
1397180000
20
WTW (Ex) 1058800000
20
TSch 6
0190260000 100
Q 2
0336400000
50
Q 3
0336500000
50
Q 4
0336600000
50
Q 10
0368600000
20
QB 2
0482700000**100
QB 3
0482800000** 50
QB 4
0482900000** 50
VL 2
0446700000
50
VH
1056500000 100
BS
0343100000 100
DEK6
see “Accessories”
a r #
6/54/60
6/54/60.5
9/M 3/3.5 x 0.6
500 V/2 x 32 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
0.5…4
0.5…4
0.5…4
A 3
32 A/4 mm2
32
32
300 V/27 A/22…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
0355460000100
0527660000100
0355480000100
0527680000100
Type
Cat. No.
Qty.
AP (1.5)
1397160000
20
AP (1.5)
1397180000
20
WTW (Ex) 1058800000
20
TSch 6
0190260000 100
Q 2
0336400000
50
Q 3
0336500000
50
Q 4
0336600000
50
Q 10
0368600000
20
QB 2
0482700000**100
QB 3
0482800000** 50
QB 4
0482900000** 50
VL 2
0446700000
50
VH
1056500000 100
BS
0343100000 100
DEK6
see “Accessories”
DK 4 Q*
DKB4 Q*/10*
SAK 4
SAK 4/10
DK 4
DK4/35
Y
W


Similar Part No. - 0371420000

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
03714 GENERAL-03714 Datasheet
63Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
03714 GENERAL-03714 Datasheet
58Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
03714.35.10 GENERAL-03714.35.10 Datasheet
58Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
03714.41.10 GENERAL-03714.41.10 Datasheet
58Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
More results

Similar Description - 0371420000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com