Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMK-25x70-A4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RMK-25x70-A4
Description  RMK Computer printable epoxy coated labels in a sheet form
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RMK-25x70-A4 Datasheet(HTML) 1 Page - Tyco Electronics

  RMK-25x70-A4 Datasheet HTML 1Page - Tyco Electronics RMK-25x70-A4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMK Computer printable epoxy coated labels in a sheet form
42
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
Temperature rating
Operating temperature range
Wiring marking
–40°C to +85°C
–40°F to +185°F
Panel marking
–40°C to +105°C
–40°F to +221°F
Excursion temperature
+200°C for 2 hours
Storage conditions
Unopened
12 months at temperatures not exceeding
+35°C (+95°F)
Opened
6 months at temperatures not exceeding
+25°C (+77°F)
and 80% relative humidity
Curing
4 - 6 minutes at 160°C
in an air circulating oven.
Specifications/approvals
Tyco Electronics
RW 2518
Industry
UL
MH17259 Group PGGU2
Printer information
Various color inkjet printers can be used depending on the application, mainly HP800
or HP900 series if available.
Tyco Electronics recommended printer
Epson R340/R320
Tyco Electronics recommended inks
Standard Epson
For further advice on possible alternative printers, contact Tyco Electronics.
RMK-18x35- A4
Part numbering system
Sheet size
Label size (mm)
Product family
RMK is a computer printable labelstock with outstanding fluid and
abrasion resistance, designed to be printed by sheet fed inkjet
printers. When heat-cured after printing its unique heat reactive
epoxy surface “locks in” the image to combine the versatility and
convenience of on-site printing with performance to meet the
toughest conditions. A high performance acrylic adhesive ensures
simple installation while maintaining excellent adhesion. A wide
range of label sizes are available, supplied in A4 sheets for feeding
through standard inkjet printers.
Typical applications are replacement of engraved metal or plastic
labels, signs, rating plate labels, and color coding.
Features and benefits
I High performance label material
I High performance acrylic adhesive
I A4 format sheet
I Printable by color inkjet printers with sheet feed
I Outstanding fluid and abrasion resistance without an overlay
I Low fire hazard properties
I Indoor use only


Similar Part No. - RMK-25x70-A4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RMK-25X70-A4 MACOM-RMK-25X70-A4 Datasheet
5Mb / 85P
   tyco electronics contents
RMK-25x70-A4 MACOM-RMK-25x70-A4 Datasheet
5Mb / 85P
   TMS-SCE Military grade heat shrinkable wire identification sleeves
More results

Similar Description - RMK-25x70-A4

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C150X075YJD PANDUIT-C150X075YJD Datasheet
43Kb / 1P
   OPTIMUM C150X075Y JD COMPUTER PRINTABLE LABELS
9-29-04
C10230 PANDUIT-C10230 Datasheet
45Kb / 2P
   C100X050YJD AND C100X050CBD COMPUTER PRINTABLE LABELS
C075X025YJD PANDUIT-C075X025YJD Datasheet
51Kb / 1P
   OPTIMUM C075X025YJD AND C075X025CBD COMPUTER PRINTABLE LABELS
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
   LASER INKJET PRINTABLE LABELS
logo
List of Unclassifed Man...
03-132 ETC2-03-132 Datasheet
52Kb / 1P
   COMPUTER PRINTABLE DESTRUCTTBLE VINYL
logo
Tyco Electronics
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
   CSL A4 Laser printable self-laminating labels
logo
PANDUIT CORP.
C060X020YJD PANDUIT-C060X020YJD Datasheet
56Kb / 1P
   OPTIMUM C060X020YJD AND C060X020CBD COMPTER PRINTABLE LABELS
logo
3M Electronics
9865 3M-9865 Datasheet
49Kb / 2P
   3M??Single Coated Printable Medical Tape
9969B 3M-9969B Datasheet
201Kb / 2P
   Repulpable Single-Coated Printable Splicing Tape
logo
PANDUIT CORP.
LJSL21-Y3-1 PANDUIT-LJSL21-Y3-1 Datasheet
69Kb / 1P
   CUSTOMER DRAWING OPTIMUMM SELF-SAM. SASER INKJET PRINTABLE LABELS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com