Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV216 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THCV216
Description  THCV216 is designed to support video data transmission between the host and display.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THCV216 Datasheet HTML 1Page - THine Electronics, Inc. THCV216 Datasheet HTML 2Page - THine Electronics, Inc. THCV216 Datasheet HTML 3Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THCV216_Rev.1.00_E_Brief
THine Electronics, Inc.
2/3
Copyright(C)2012 THine Electronics, Inc.
Example System Diagram
HTPDN
LOCKN
Rx0p
Rx0n
THCV216
TLA0+/-
TLB0+/-
TLC0+/-
TLE0+/-
TLCLK0+/-
Tx0p
Tx0n
THCV215
TLD0+/-
HTPDN
LOCKN
1.8V
Rx1p
Rx1n
Tx1p
Tx1n
TLA1+/-
TLB1+/-
TLC1+/-
TLF1+/-
TLCLK1+/-
TLD1+/-
TLF0+/-
TLE1+/-
RLA0+/-
RLB0+/-
RLC0+/-
RLE0+/-
RLCLK0+/-
RLD0+/-
RLA1+/-
RLB1+/-
RLC1+/-
RLF1+/-
RLCLK1+/-
RLD1+/-
RLF0+/-
RLE1+/-
Example for LVDS to LVDS
Tx0p
Tx0n
THCV217
HTPDN
LOCKN
3.3V
Tx1p
Tx1n
R1[9:0]
G1[9:0]
B1[9:0]
HSYNC
VSYNC
DE
CLKIN
R2[9:0]
G2[9:0]
B2[9:0]
HTPDN
LOCKN
Rx0p
Rx0n
THCV216
Rx1p
Rx1n
RLA0+/-
RLB0+/-
RLC0+/-
RLE0+/-
RLCLK0+/-
RLD0+/-
RLA1+/-
RLB1+/-
RLC1+/-
RLCLK1+/-
RLD1+/-
RLE1+/-
1.8V
Example for CMOS/TTL to LVDS
Notices and Requests
1.
The product specifications described in this material are subject to change without prior notice.
2.
The circuit diagrams described in this material are examples of the application which may not always
apply to the customer’s design. We are not responsible for possible errors and omissions in this material.
Please note if errors or omissions should be found in this material, we may not be able to correct them
immediately.
3.
This material contains our copy right, know-how or other proprietary. Copying or disclosing to third
parties the contents of this material without our prior permission is prohibited.
4.
Note that if infringement of any third party's industrial ownership should occur by using this product, we
will be exempted from the responsibility unless it directly relates to the production process or functions of
the product.
5.
This product is presumed to be used for general electric equipment, not for the applications which require
very high reliability (including medical equipment directly concerning people's life, aerospace equipment,
or nuclear control equipment). Also, when using this product for the equipment concerned with the control
and safety of the transportation means, the traffic signal equipment, or various Types of safety equipment,
please do it after applying appropriate measures to the product.
6.
Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a
certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged
to have sufficiently redundant or error preventive design applied to the use of the product so as not to have
our product cause any social or public damage.
7.
Please note that this product is not designed to be radiation-proof.
8.
Customers are asked, if required, to judge by themselves if this product falls under the category of strategic
goods under the Foreign Exchange and Foreign Trade Control Law.
THine Electronics, Inc.


Similar Part No. - THCV216

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV216 THINE-THCV216 Datasheet
492Kb / 26P
   V-by-One HS High-speed Video Data Transmitter and Receiver
logo
California Eastern Labs
THCV216-4LANE CEL-THCV216-4LANE Datasheet
1Mb / 16P
   SerDes transmitter and receiver evaluation board
THCV216-8LANE CEL-THCV216-8LANE Datasheet
769Kb / 15P
   SerDes transmitter and receiver evaluation board
More results

Similar Description - THCV216

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV215 THINE-THCV215 Datasheet
176Kb / 3P
   THCV215 is designed to support video data transmission between the host and display.
THCV219 THINE-THCV219 Datasheet
200Kb / 2P
   THCV219 is designed to support video data transmission between the host and display.
THCV226 THINE-THCV226_16 Datasheet
570Kb / 27P
   THCV226 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
   THCV217 is designed to support video data transmission between the host and display.
THCV218 THINE-THCV218 Datasheet
310Kb / 2P
   THCV218 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
   THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220 Datasheet
161Kb / 2P
   THCV220 is designed to support video data transmission between the host and display.
THCV231 THINE-THCV231_16 Datasheet
1Mb / 56P
   The THCV231 and THCV236 are designed to support video data transmission between the host and display.
logo
IK Semicon Co., Ltd
IN75232 IKSEMICON-IN75232 Datasheet
406Kb / 7P
   Designed to Support Data Rate up to 120kbps
logo
Nel Frequency Controls,...
HS-169 NEL-HS-169_10 Datasheet
58Kb / 2P
   crystal oscillator is designed to support the TachyonTM clocking requirements at 26.5625MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com