Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD1024 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THC63LVD1024
Description  135MHz 67Bits LVDS Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD1024 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THC63LVD1024 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
THC63LVD1024_Rev.2.4_E
Copyright©2012 THine Electronics, Inc.
2/23
THine Electronics, Inc.
Pin Out
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
R17
R16
GND
VCC
R15
R14
R13
R12
R10
G28
G29
VCC
GND
B20
B21
B22
B23
B24
B25
R11
B26
B27
B28
B29
VCC
GND
VCC
CONT22
CONT21
CLKOUT
GND
GND
VCC
GND
CVCC
CGND
LGND
RE2+
RE2-
RD2+
RD2-
LGND
LGND
RC2+
RC2-
LGND
LVCC
RB2+
RB2-
RA2+
RA2-
LGND
LGND
LGND
LGND
LGND
RE1+
RE1-
RD1+
RD1-
RC1+
RC1-
RCLK+
RCLK-
RB1+
RB1-
RA1-
RA1+
LVCC
LVCC
LVCC
LVCC
TSSOP144
Exposed PAD
Top View
145GND(Exposed PAD)


Similar Part No. - THC63LVD1024

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024 Datasheet
1Mb / 12P
   LVDS Dual Link Evaluation Board
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024_16 Datasheet
961Kb / 23P
   135MHz 67Bits LVDS Receiver
More results

Similar Description - THC63LVD1024

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024_16 Datasheet
961Kb / 23P
   135MHz 67Bits LVDS Receiver
logo
THine Electronics, Inc.
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
California Eastern Labs
THC63LVD1023B CEL-THC63LVD1023B Datasheet
237Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVD824 THINE-THC63LVD824 Datasheet
219Kb / 15P
   Single(135MHz)/Dual(170MHz) Link LVDS Receiver for XGA/SXGA/SXGA/UXGA
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com