Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD1024 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THC63LVD1024
Description  135MHz 67Bits LVDS Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD1024 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THC63LVD1024 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD1024 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
THC63LVD1024_Rev.2.4_E
Copyright©2012 THine Electronics, Inc.
3/23
THine Electronics, Inc.
Pin Description
Pin Name
Pin #
Type
Description
RA1+, RA1-
111, 110
LVDS IN
The 1st Link. The 1st pixel input data when Dual Link.
RB1+, RB1-
113, 112
LVDS IN
RC1+, RC1-
117, 116
LVDS IN
RD1+, RD1-
123, 122
LVDS IN
RE1+, RE1-
125, 124
LVDS IN
RCLK+, RCLK-
119, 118
LVDS IN
LVDS Clock Input.
RA2+, RA2-
129, 128
LVDS IN
The 2nd Link. These pins are disabled when Single Link.
RB2+, RB2-
131, 130
LVDS IN
RC2+, RC2-
135, 134
LVDS IN
RD2+, RD2-
141, 140
LVDS IN
RE2+, RE2-
143, 142
LVDS IN
R19 ~ R10
74 - 72, 69 - 63
OUT
The 1st Pixel Data Outputs.
G19 ~ G10
86 - 82, 79 - 75
OUT
B19 ~ B10
100, 99,
96-90, 87
OUT
R29 ~ R20
25-23, 20-14
OUT
The 2nd Pixel Data Outputs.
G29 ~ G20
40, 37 - 31,
27, 26
OUT
B29 ~ B20
52 - 48, 45 - 41
OUT
CONT11,CONT12
104, 105
OUT
User defined data output
CONT21,CONT22
55, 56
DE
103
OUT
Data Enable Output.
VSYNC
102
OUT
Vsync Output.
HSYNC
101
OUT
Hsync Output.
CLKOUT
60
OUT
Clock Output.
/PDWN
4
IN
Power down and Output Control.(Table1)
H: Normal operation
L: Power down
MODE1, MODE0
6, 5
IN
Pixel Data Mode
.
MODE1
MODE0
Mode
H
H
Single Link (Single-in/Single-out)
H
L
Single Link (Single-in/Dual-out)
L
H
Dual Link (Dual-in/Single-out)
L
L
Dual Link (Dual-in/Dual-out)


Similar Part No. - THC63LVD1024

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024 Datasheet
1Mb / 12P
   LVDS Dual Link Evaluation Board
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024_16 Datasheet
961Kb / 23P
   135MHz 67Bits LVDS Receiver
More results

Similar Description - THC63LVD1024

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024_16 Datasheet
961Kb / 23P
   135MHz 67Bits LVDS Receiver
logo
THine Electronics, Inc.
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
California Eastern Labs
THC63LVD1023B CEL-THC63LVD1023B Datasheet
237Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVD824 THINE-THC63LVD824 Datasheet
219Kb / 15P
   Single(135MHz)/Dual(170MHz) Link LVDS Receiver for XGA/SXGA/SXGA/UXGA
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com