Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5781FS-S0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5781FS-S0A1E
Description  AMD Turion??M690E COM-Express Basic Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5781FS-S0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5781FS-S0A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5781FS-S0A1E Datasheet HTML 2Page - Advantech Co., Ltd. SOM-5781FS-S0A1E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-5781
Ordering Information
Part No.
CPU
L2
Cache
Chipset LVDS
VGA Giga
LAN
HD
Audio
PCIe
x 8
PCIe
x 1
PCI USB
2.0
SATA LPC SMBus ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5781FS-00A1E
Socket
-
M690E
2 x 24-bit Yes
1
Yes
1
4
4
8
4
Yes Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5781FS-S0A1E
Sempron
2100+
256 KB
M690E
2 x 24-bit Yes
1
Yes
1
4
4
8
4
Yes Yes
Yes
Yes
Active
0 ~ 60° C
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for Giga LAN COM Module
Packing List
Part No.
Description
Quantity
-
SOM-5781 CPU Module
1
-
Utility CD
1
1960023313T00B
Heatspreader
1
Optional Accessories
Part No.
Description
1960048818N001
Semi-Heatsink 125 x 95 x 17 mm
1960048820N001
Semi-Cooler 125 x 95 x 33.5 mm with 12 V Fan
LPC BUS
DVO
Dual Channel DDR2
M690E
SB600
A-LINK
200-pin SODIMM x 2
Supports up to 2 GB x 2
Realtek
RTL8110SC
BIOS
SMBus
WDT / GPIO
(F75111)
WDT / GPIO
S1g1 Socket
AMD
Turion64 x 2
Sempron
Smart fan
Controller
(F75387)
Graphics
memory
up to 128 MB
Multiplexed
DDR2 800
400 MHz
PCI
GIGABIT
Ethernet
HT INTERFACE (Maximum 1.0 GHz)
PCIe x8
TMDS (DVI/HDMI)
PRIMARY IDE (ATA66/100/133)
Analog RGB
24/48-Bit LVDS Channel
4 PCIe x1
USB 2.0 x 8
AZALIA/AC97 (Optional)
SATA II x 4
PCI BUS (33 MHz)


Similar Part No. - SOM-5781FS-S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5781FS-S0A1E ADVANTECH-SOM-5781FS-S0A1E Datasheet
367Kb / 2P
   AMD M690E COM-Express CPU Module
More results

Similar Description - SOM-5781FS-S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5781 ADVANTECH-SOM-5781 Datasheet
367Kb / 2P
   AMD M690E COM-Express CPU Module
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
   AMD Embedded R-Series COM Express Basic
logo
Advantech Co., Ltd.
SOM-5897 ADVANTECH-SOM-5897_17 Datasheet
883Kb / 2P
   Processors COM Express Basic Module
SOM-5871 ADVANTECH-SOM-5871 Datasheet
972Kb / 2P
   AMD Embedded V-Series V1000 COM Express Basic Module Type 6
logo
Axiomtek Co., Ltd.
CEM100 AXIOMTEK-CEM100_17 Datasheet
242Kb / 1P
   COM Express Type 2 Basic Module with AMD G-Series APU and AMD A55E
logo
Adlink Technology Inc.
EXPRESS-BE ADLINK-EXPRESS-BE Datasheet
261Kb / 4P
   COM Express Basic Size Type 6 Module with AMD Embedded R-Series APU
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
   COM Express Basic Size Type 6 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
   COM Express Basic Size Type 2 Module
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
   COM Express Basic Size Type 2 Module
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
   COM Express Basic Size Type 6 Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com