Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

92318-14XX Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 92318-14XX
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

92318-14XX Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 92318-14XX Datasheet HTML 2Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 3Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 4Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 5Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 6Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 7Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 8Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 9Page - Molex Electronics Ltd. 92318-14XX Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1.27mm (.050") Pitch
Picoflex® PF-50
Connector
90327
Low Profile, IDT
Features and Benefits
1-piecehousingassuresprecisepositioningofcable
Molded-inpolarization
4pointsofcontactwithribboncable
Preloadedcontacts
Accepts28or26AWG(7strand)ribboncable
Tapeoptionforhigh-speedtermination,contactMolex
forpartnumbers
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Bag(tapeoptional)
ToolingInformation:Seeendofsection
ULFileNo.:E29179
CSAFileNo.:LR19980-181
MatesWith:90816,90325,90779,90800,90814,
91330and91714
UseMolexCable:6800,8863and40158
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
MatingForce:Tin—1.7N;Gold—1.1N
UnmatingForce:Tin—0.25N;Gold—0.25N
Durability:Tin—30cyclesmax.
Gold—100cyclesmax.(usingextractiontool)
Physical
Housing:Whitepolyester,UL94V-0
Contact:PhosphorBronzeAlloy
Plating:SeeTable
CableAccommodation:26and28AWGstranded
Circuits
Order No.
Tin 2-4µm (80-160µ")
Select Gold 0.76µm (30µ")
4
90327-0304
90327-3304
6
90327-0306
90327-3306
8
90327-0308
90327-3308
10
90327-0310
90327-3310
12
90327-0312
90327-3312
14
90327-0314
90327-3314
Circuits
Order No.
Tin 2-4µm (80-160µ")
Select Gold 0.76µm (30µ")
16
90327-0316
90327-3316
18
90327-0318
90327-3318
20
90327-0320
90327-3320
22
90327-0322
90327-3322
24
90327-0324
90327-3324
26
90327-0326
90327-3326
1.27mm (.050") Pitch
Picoflex® PF-50
Connector
90584
Low Profile, IDT
Board-In
Features and Benefits
Forpermanentwire-to-boardconnections
Kinkedsoldertailsforboardretentionduringsolder
process
Fitssameboardlayoutpatternasmaleheader
Heightfromboardwhensolderedandterminatedonly
6.40mm(.252")
2pointsofcontactinIDTsection
Accepts26to28AWG,7strands,ribboncable
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Tube(2options)
ToolingInformation:Seeendofsection
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750V
InsulationResistance:1000Megohmsmin.
Physical
Housing:Whitepolyester,UL94V-0
Contact:PhosphorBronzeAlloy
Plating:2-4µm(80-160µ")TinoverNickel
PCBThickness:1.60mm±0.20
Circuits
Order No.
Individual Tube
Stacked Tube
4
90584-1304
90584-2304
6
90584-1306
90584-2306
8
90584-1308
90584-2308
10
90584-1310
90584-2310
12
90584-1312
90584-2312
14
90584-1314
90584-2314
Note:Stackedtubeisagroupof7individualtubesinastack
Circuits
Order No.
Individual Tube
Stacked Tube
16
90584-1316
90584-2316
18
90584-1318
90584-2318
20
90584-1320
90584-2320
22
90584-1322
90584-2322
24
90584-1324
90584-2324
26
90584-1326
90584-2326
6


Similar Part No. - 92318-14XX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92318-1401 MOLEX-92318-1401 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (Z-STYLE)
98/06/24
92318-1401 MOLEX-92318-1401 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (/-STYLE)
98/06/24
92318-1402 MOLEX-92318-1402 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (Z-STYLE)
98/06/24
92318-1402 MOLEX-92318-1402 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (/-STYLE)
98/06/24
92318-1403 MOLEX-92318-1403 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (Z-STYLE)
98/06/24
More results

Similar Description - 92318-14XX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com