Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5892FG-U3A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5892FG-U3A1E
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5892FG-U3A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5892FG-U3A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5892FG-U3A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Core™ i7/i5/i3/Celeron® Processor
COM-Express Basic Module
SOM-5892
ƒ Embedded Intel® Core™ i7/i5/i3/Celeron® processor + QM77
ƒ Supports Dual Channel DDR3-1600, DDR3L-1333 SODIMM sockets up to
16 GB
ƒ Supports PCIe x16, 7 PCIe x1, 2 SATAIII, 2 SATAII, 8 USB 2.0, 4 USB 3.0,
GbE
ƒ Supports 3 independent displays: VGA, LVDS, DVI, HDMI, DisplayPort
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM-Express 2.0 Basic Module, Type 6 Pin-out
Processor System
CPU
Intel Core i7-3615QE Processor (4C, 6M Cache, 2.3 GHz)
Intel Core i7-3612QE Processor (4C, 6M Cache, 2.1 GHz)
Intel Core i7-3555LE Processor (2C, 4M Cache, 2.5 GHz)
Intel Core i7-3517UE Processor (2C, 4M Cache, 1.7 GHz)
Intel Core i5-3610ME Processor (2C, 3M Cache, 2.7 GHz)
Intel Core i3-3120ME Processor (2C, 3M Cache, 2.4 GHz)
Intel Core i3-3217UE Processor (2C, 3M Cache, 1.6 GHz)
System Chipset
Intel QM77
BIOS
AMI 64 Mbit Flash BIOS
Memory
Memory Technology
DDR3 1333/1600 MHz, DDR3L 1333 MHz
ECC Support
-
Max Capacity
16 GB
Socket
2 x 204-pin SODIMM sockets
Display
Graphics
Intel Gfx Engine
LCD
Single and dual channel 18/24-bit LVDS
VGA
2048 x 1536
DDI
3 ports support HDMI, DVI, DisplayPort
Multi-Displays
3 independent displays: VGA, LVDS, DVI, HDMI, DisplayPort
Ethernet
Chipset
82579LM
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level, 0 ~ 65535 sec
Expansion
PCIe x16, 7 PCIe x1
I/O
PATA
-
SATA
2 SATAIII
2 SATAII
USB
8 USB 2.0
4 USB 3.0
Audio
HD Audio
GPIO
8-bit
COM
2 Ports
TPM
Optional
Power
Power Type
ATX, AT
Power Supply Voltage
ATX (12 V, 5 Vsb)
AT (12 V)
Power Consumption (Typical)
(4 GB DDR3 1333)
i7-3612QE: +12 V @ 0.55 A
Power Consumption (Max, tested in HCT)
(4 GB DDR3 1333)
i7-3612QE: +12 V @ 3 A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 18-Oct-2012


Similar Part No. - SOM-5892FG-U3A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892FG-U3A1E ADVANTECH-SOM-5892FG-U3A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892FG-U3A1E ADVANTECH-SOM-5892FG-U3A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5892FG-U3A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com