Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THV3012 Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THV3012
Description  1ch DC/DC converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3012 Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THV3012 Datasheet HTML 3Page - THine Electronics, Inc. THV3012 Datasheet HTML 4Page - THine Electronics, Inc. THV3012 Datasheet HTML 5Page - THine Electronics, Inc. THV3012 Datasheet HTML 6Page - THine Electronics, Inc. THV3012 Datasheet HTML 7Page - THine Electronics, Inc. THV3012 Datasheet HTML 8Page - THine Electronics, Inc. THV3012 Datasheet HTML 9Page - THine Electronics, Inc. THV3012 Datasheet HTML 10Page - THine Electronics, Inc. THV3012 Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
THV3012_Rev.1.00_E
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Functional Description
Soft Start (SS)
THV3012 has soft start circuit allows a gradual rising of output voltage to prevent overshooting of output volt-
age and high inrush current during start up. When UVLO is released and CTL pin is turned High level, an inter-
nal 2uA constant current source starts to charge an external capacitor connected to SS pin.
Css connected between SS pin and GND is determined by soft start time. Soft start time is the period of charg-
ing SS pin to the reference voltage 0.85V with 2uA constant current source, and calculated as following :
When Tss=4.25msec, Css=0.01uF.
Undervoltage Lockout (UVLO)
THV3012 has the built-in Undervoltage Lockout circuit to prevent the device from misoperation at low input
voltages. UVLO stops switching operation and soft start operation, until VIN and VCC voltage rise up to
4.2V(typ). Having the hysteresis circuit, UVLO stops switching operation and start to discharge SS pins, when
VIN voltage falls down under 4.15V(typ), or VCC voltage falls down under 4.05V(typ).
Over Current Protection (OCP)
THV3012 has the built-in Over Current Protection circuit to limit over current caused by abnormal load cur-
rent, etc. When a voltage difference between CSN pin and CSP pin exceeds 60mV(typ), OCP detects over cur-
rent.
OCP circuit monitors the bottom current of inductor to detect over current. When the voltage between CSN pin
and CSP pin drops below 60mV(typ), High side FET generates on-pulse. Therefore the average value of ripple
current
is added to the output current as following :
rip
I
OU T
I
=
S
R
V
m
60
+
RIP
I
2
1
(A)
Short Circuit Protection (SCP)
SCP circuit is activated, when the output voltage drop continues. After soft start operation is finished and feed-
back voltage drops less than 0.6V(typ), SCP detects a short circuit. If such condition continues for more than
4.1msec(typ), the device stops switching operation and go into latch state. The latch state will be released by
restarting to apply voltage on CTL pin, VIN pin or VCC pin.
Thermal Shut Down (TSD)
THV3012 has the built-in Thermal Shutdown circuit to prevent damages caused by excessive heat. When the
junction temperature
reaches 125 ℃ (typ), TSD circuit stops switching operation. When
falls down
(20
typical hysteresis), the output voltage will recover.
°C
j
T
j
T
°C
out
I
L
I
s
R
mV
60
Tss =
Α
u
2
V
85
0.
SS
C
= 0.425×
6
10 ×Css (sec)
×


Similar Part No. - THV3012

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
   1ch DC/DC converter
More results

Similar Description - THV3012

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
   1ch DC/DC converter
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
   Bi-CMOS IC 1ch DC/DC boost converter
logo
Rohm
BD9110NV ROHM-BD9110NV Datasheet
312Kb / 5P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9111NV ROHM-BD9111NV Datasheet
313Kb / 6P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
   1ch DC/DC Converter IC built in synchronous rectifier
BD9130NV ROHM-BD9130NV Datasheet
337Kb / 6P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9102FVM ROHM-BD9102FVM Datasheet
294Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com