Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5890Z2-S5A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5890Z2-S5A1E
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5890Z2-S5A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5890Z2-S5A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5890Z2-S5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5890
Ordering Information
Part No.
CPU
LLC
Chipset
DDR3
SODIMM
LVDS
VGA
HDMI / DVI /
DP
SDVO Giga
LAN
HDA PEG
x16
PCIe
x1
USB
2.0
SATA
LPC
ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5890FG-U1A1E
Core i7-2715QE
2.1 GHz
6 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-U2A1E
Core i7-2655LE
2.2 GHz
4 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-S5A1E
Core i7-2610UE
1.5 GHz
4 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-U5A1E
Core i5-2515E
2.5 GHz
3 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-U0A1E
Core i3-2310E
2.1 GHz
3 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-S3A1E
Core i3-2340UE
1.3 GHz
3 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-S6A1E
Celeron B810E
1.6 GHz
2 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-S1A1E
Celeron B847E
1.1 GHz
2 MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-S4A1E
Celeron B827E
1.4 GHz
1.5 MB QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-U1B1E
Core i7-2715QE
2.1 GHz
6 MB
QM67
ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-U2B1E
Core i7-2655LE
2.2 GHz
4 MB
QM67
ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-S5B1E
Core i7-2610UE
1.5 GHz
4 MB
QM67
ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890FG-U5B1E
Core i5-2515E
2.5 GHz
3 MB
QM67
ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATA III
2 x SATA II
Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5890Z-S5A1E
Core i7-2610UE
1.5 GHz
4MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATAIII
2 x SATAII
Yes
Yes
Yes
Active
-20 ~ 80° C
SOM-5890Z2-S5A1E
Core i7-2610UE
1.5 GHz
4MB
QM67
non-ECC
18/24-bit
Yes
3
1
1
Yes
1
7
8
2 x SATAIII
2 x SATAII
Yes
Yes
Yes
Active
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB5800-00A1E
Development Board for COM-Express Type 6
Packing List
Part No.
Description
Quantity
-
SOM-5890 CPU Module
1
1960052233N001
Heatspreader for Core i7/i5/i3 sku
1
1960052233N011
Heatspreader for Celeron sku
1
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125x95x33.5mm with 12V Fan
LPC BUS
QM67
Intel Core i7/i5/
i3/Celeron
PCIe x16 or 2 PCIe x8 or 1 PCIe x8 or 2 PCIe x4
204-pin SODIMM x2
1066/1333 MHz up to 16 GB
A1 - non-ECC
B1 - ECC
Dual Channel DDRIII
FDI
DMI
Dual Channel LVDS
Analog RGB
Ethernet
Giga LAN
82579LM
6 PCIe x1
2 SATA III + 2 SATA II
HD Audio
8 USB 2.0
1 PCIe x1
iManager
WDT / GPIO / I2C
SMBus
SPI BIOS
SPI Bus
RS1 / RS2 / FAN
DDI Port 0
DDI Port 1
DDI Port 2
1 PCIe x1


Similar Part No. - SOM-5890Z2-S5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5890Z2-S5A1E ADVANTECH-SOM-5890Z2-S5A1E Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5890Z2-S5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892 ADVANTECH-SOM-5892 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com