Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THV3543 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THV3543
Description  2 channel Buck/Boost 2 channel Charge Pump Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV3543 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THV3543 Datasheet HTML 1Page - THine Electronics, Inc. THV3543 Datasheet HTML 2Page - THine Electronics, Inc. THV3543 Datasheet HTML 3Page - THine Electronics, Inc. THV3543 Datasheet HTML 4Page - THine Electronics, Inc. THV3543 Datasheet HTML 5Page - THine Electronics, Inc. THV3543 Datasheet HTML 6Page - THine Electronics, Inc. THV3543 Datasheet HTML 7Page - THine Electronics, Inc. THV3543 Datasheet HTML 8Page - THine Electronics, Inc. THV3543 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
THine Electronics, Inc.
4/19
THV3543_Rev.1.00_E
Copyright© 2011 THine Electronics, Inc.
Pin Descriptions
Pin #
Symbol
Function
Description
1
PC2
Output for CH-2 error
amplifier
Output pin for CH-2 error amplifier. Connect a capacitor between
PC2 and GND for phase compensation.
2
FB1
Output for CH-1 error
amplifier
Output pin for CH-1 error amplifier. Connect a resistor and a
capacitor between FB1 pin and INV1 pin for phase compensation.
3
VREG5
Output for 5V regulator
Output pin for 5V regulator of the control circuit.
Connect an external capacitor (10µF).
4
VO2_IN
Input for CH-2 feedback
voltage
Feedback voltage input pin for CH-2.
CH-2 is controlled so that VO2_IN pin becomes 3.3V.
5
INV1
Inverting input for CH-1
error amplifier
Inverting input for CH-1 error amplifier. In fixed output voltage
mode, connect a resistor and a capacitor for phase compensation.
In adjustable output voltage mode, connect resistors between the
output and INV1 pin, and between INV1 pin and GND, so that
this pin become 1.2V.
6
VGH_OK
VGH power good output
After positive charge pump started properly, this pin switches
from Low level to High level. Connect an external pull-up
resistor.
7
PG_LOGIC
Input for load switch
control
Input pin for controlling LSW_OUT2.
8
VO2_OK
Output for CH-2 power
good
After CH-2 started properly, this pin switches from Low level to
High level. Connect an external pull-up resistor.
9
VREF
Reference voltage
1.2V reference voltage for feedback of negative voltage charge
pump.
Connect an external capacitor (0.01µF) for the stability.
10
TEST
Test pin
Used for the production test before shipment. Connect to GND.
11
SYSUVLO
Input for System
UVLO
SYSUVLO pin shuts down the operation of IC, when the power
supply voltage drops below regulated value. Resistors are
internally connected between VCC pin and SYSUVLO pin, and
between SYSUVLO pin and GND. It is possible to set the
detection voltage at any value by connecting external resister
divider to SYSUVLO pin.
12
PANEL_EN
Input
for
Panel
power
supply enable
When Low level voltage is applied to PANEL_EN pin, negative
voltage charge pump, Load Switch 1 and positive voltage charge
pump stop their operations. If not in use, connect to VREG5 pin.
13
14
NC
NC
No connection. Leave open.
15
INV_LDO
LDO
amplifier
inverting
input
LDO inverting input. The voltage on this pin is 1.2V in the
normal operation.
16
SGND
Ground for signal
Ground pin for the control circuit block.
17
V_LDO
Power supply for LDO
Power supply pin for LDO amplifier.


Similar Part No. - THV3543

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
   1ch DC/DC converter
THV3012 THINE-THV3012 Datasheet
205Kb / 12P
   1ch DC/DC converter
THV3056 THINE-THV3056 Datasheet
395Kb / 32P
   3ch Buck/Boost 2ch CP 1ch HVLDO 1ch LVLDO Controller
THV3058 THINE-THV3058 Datasheet
605Kb / 21P
   3CH (Buck/Boost) 2CH CP 1CH HVLDO Controller
logo
TAITRON Components Inco...
THV308 TAITRON-THV308 Datasheet
225Kb / 4P
   0.35A High Voltage Rectifier Assembly
More results

Similar Description - THV3543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com