Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-7564 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-7564
Description  Intel짰 Atom??Processor E6xx Series COM-Express Mini Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-7564 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-7564 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-7564 Datasheet HTML 2Page - Advantech Co., Ltd. SOM-7564 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-7564
Ordering Information
Part No.
CPU
L2
Cache
Onboard
Memory LVDS
Giga
LAN
HD
Audio
PCIe
x1
I2C
bus
LPC SMBus
Wide range
Power
ATX
Power
AT
Power
Thermal
Solution
SOM-7564FG-M0A1E 600 MHz 512 KB 1 GB
24-bit 1
Yes
2
1
1
1
+5 - +14V
Yes
Yes
Passive
SOM-7564FG-S3A1E
1.3 GHz
512 KB 1 GB
24-bit 1
Yes
2
1
1
1
+5 - +14V
Yes
Yes
Passive
SOM-7564FG-S6A1E
1.6 GHz
512 KB 1 GB
24-bit 1
Yes
2
1
1
1
+5 - +14V
Yes
Yes
Passive
Development Board
Part No.
Description
SOM-AB5500-00A1E
3.5" Application Board for COM-Ultra Modules
Packing List
Part No.
Description
Quantity
-
SOM-7564 CPU Module
1
1960053878N001
Heatspreader
1
Optional Accessories
Part No.
Description
1960050950N001
Semi-Heatsink 84 x 55 x 34 mm
Embedded OS
OS
Part No.
Description
Win XPE
TBD
XPE WES 2009
DDR2 On Board Memory
DDR2 667/800
1GB
LPC
INTEL
82574L
SPI
BIOS
Advantech
iManager
SDVO 1 Port
24-bit, Single Channel
PCIe X1_0 ,1,2 Port
GIGA-Bit LAN
Intel Atom
E6xx Series
up to 1.6GHz


Similar Part No. - SOM-7564

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7562 ADVANTECH-SOM-7562 Datasheet
894Kb / 2P
   Intel짰 Atom N450 COM-Ultra CPU Module
SOM-7562-B1 ADVANTECH-SOM-7562-B1_15 Datasheet
557Kb / 2P
   Intel짰 Atom??Processor N455 COM Express짰 Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1_14 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
More results

Similar Description - SOM-7564

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763B1 ADVANTECH-SOM-6763B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-6763 ADVANTECH-SOM-6763_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-7562-B1 ADVANTECH-SOM-7562-B1_15 Datasheet
557Kb / 2P
   Intel짰 Atom??Processor N455 COM Express짰 Mini Module
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
   Intel Atom/Celeron Processor COM Express Mini Module
SOM-7567 ADVANTECH-SOM-7567_15 Datasheet
739Kb / 2P
   Intel짰 Atom??Celeron짰 Processor COM Express짰 Mini Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com