Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-7565S2-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-7565S2-S6A1E
Description  Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-7565S2-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-7565S2-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-7565S2-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Atom™ Processor N2000 Series
COM Express Mini Module Pin-out Type 10
SOM-7565
ƒ Embedded Intel® Atom™ Processor N2600 + NM10
ƒ Intel GMA3600 supports DX9 and OGL 3.0, MPEG2/VC1/H.264 HW Decoder
ƒ Supports onboard memory DDR3 800 MHz 2 GB
ƒ Supports onboard flash MLC 4GB / SLC 2 GB
ƒ Supports 3 PCIe x1, 1 GbE, 1 SATA, 8 USB2.0, LPC, SMBus, I2C Bus
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM-Express R2.1 Mini Module, Pin-out Type 10
Processor System
CPU
Intel Atom Processor N2600 1.6 GHz, 2 x 512 KB L2 Cache
System Chipset
NM10
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
Supports DDR3 800 MHz
Max. Capacity
Onboard 2 GB
Display
Chipset
Intel Gfx integrated in Atom Processor
Graphic Engine
Intel GMA3600 400 MHz supports DX9, OGL 3.0, MPEG2/VC1/H.264 HW Decoder
LVDS
18-bit up to 1366 x 768
HDMI/DVI/DP
1 port shared, HDMI/DVI up to 1920 x 1200, DP up to 1600 x 1200
Dual Display
LVDS + HDMI/DVI/DP
Ethernet
Chipset
Intel 82574L Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level timer interval, from 0~65535 sec, multi-level, multi-option watchdog timer
Expansion
3 PCIe x1, LPC, SMBus, I2C Bus
I/O
SATA
1 port, SATAII 3.0Gb/s compliant (2 port optional while remove onboard flash)
Onboard Flash
MLC 4 GB / SLC 2 GB
USB
8 USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
ATX mode: Vin: 4.75 ~ 20V, VSB: 4.75 ~ 5.25V (Note: Vin must >= VSB)
AT mode: Vin: 4.75 ~ 20V
Power Consumption
(Typical)
6.96W @ Vin=12V
Power Consumption
(Max, test in Burn-in Test V6.0 Pro)
8.64W @ Vin=12V
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F)
Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
84 x 55 mm (3.3" x 2.17")
NEW
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Utilities:
Software APIs:
Brightness
Control
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 11-Sep-2012


Similar Part No. - SOM-7565S2-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7565S2-S6A1E ADVANTECH-SOM-7565S2-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565S2-S6A1E ADVANTECH-SOM-7565S2-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
More results

Similar Description - SOM-7565S2-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7565 ADVANTECH-SOM-7565_13 Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
SOM-7564 ADVANTECH-SOM-7564 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor E6xx Series COM-Express Mini Module
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-5962 ADVANTECH-SOM-5962 Datasheet
997Kb / 2P
   Intel짰 Atom??C3000 Processor COM Express R3.0 Type 7 Module
13-May-2020
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763B1 ADVANTECH-SOM-6763B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com