Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

081-0437-303 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 081-0437-303
Description  021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

081-0437-303 Datasheet(HTML) 1 Page - Dialight Corporation

  081-0437-303 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dialight Corporation • 1501 State Route 34 • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 • www.dialight.com
INCANDESCENT PANEL MOUNT INDICATORS
* See Page 14 for Oiltight information
Neon and incandescent lamp information on Pages 35 and 36.
Based LED lamp information on Pages 37 through 40.
Dimensions in mm [inches]
Dialight
** Dialight recommends: transparent lens caps for Based LED; Clear lens caps for green Based LEDs
125 SERIES FOR 11/16" MOUNTING HOLE • OILTIGHT*
BASE PART NO.
VOLTAGE
FIG
125-0410-11-103
2–120
11
125-1310-11-103
2–120
12
Material & Finish: Base - Nickel Plated Brass
Cap - Polycarbonate with Chrome Plated Brass Bezel
Fig. 12
Fig. 11
Fig. 13
Fig. 14
31.24
[1.23]
MAX
1.98 [.08] x
3.30 [.125]
SLOTS
11/16
27NS THD
No. 4–36
THD
5/8 - 27
NS THD
21.03
[.83]
22.22
[.86]
MAX
5/8 - 27
NS THD
21.03
[.83]
22.22
[.86]
MAX
"O" RING
"O" RING
CAP PART NO.
COLOR
FIG
125-1131-403
RED
13
125-1132-403
GREEN
13
125-1133-403
AMBER
13
125-1135-403
WHITE
13
125-1137-403
CLEAR
13
CAP PART NO.
COLOR
FIG
125-1191-403
RED
14
125-1192-403
GREEN
14
125-1193-403
AMBER
14
125-1195-403
WHITE
14
125-1197-403
CLEAR
14
+ CENTER CONTACT
+ CENTER CONTACT
Uses:
T-3 1/4 MINIATURE
BAYONET BASE
INCANDESCENT LAMP,
CLUSTER BASED LED**,
OR MULTI-CHIP LED**
052, 081, 095, 135 SERIES FOR 11/16" MOUNTING HOLE • WATERTIGHT
† Part No. 081-1059-01-303 uses T2 Telephone Slide Base Lamp (PSB Type); CSA certified
Uses:
T-3 1/4 MINIATURE BAYONET BASE
INCANDESCENT LAMP,
CLUSTER BASED LED** OR
MULTI-CHIP LED**
Fig. 3
Fig. 8
Fig. 10
Fig. 9
Fig. 6
Fig. 7
45.97
[1.81]
MAX
1.98 [.08] x
3.30 [.125]
SLOTS
11/16
27NS THD
17.46
[.68]
MAX
16.27
[.64]
4.76
[.18]
4.76
[.18]
9/16 - 27
NS THD
9/16 - 27
NS THD
15.86
[.63]
15.86
[.63]
MAX
4.76
[.18]
9/16 - 27
NS THD
15.86
[.63]
15.86
[.63]
MAX
4.76
[.18]
9/16 - 27
NS THD
15.86
[.63]
15.86
[.63]
MAX
17.46
[.68]
MAX
16.27
[.64]
4.76
[.18]
9/16 - 27
NS THD
GASKET
GASKET
GASKET
GASKET
GASKET
GASKET
+ CENTER CONTACT
Fig. 5
No. 4–36
THD
GASKET
33.34
[1.31]
MAX
Fig. 4
GASKET
+ CENTER
CONTACT
*PART NUMBER ORDERING CODE
081-0xxx-303
Series
Lens Finish:
1 = Back Frosted
(Not available in white)
3 = Transparent**
*PART NUMBER ORDERING CODE
095 – 31xx – 003
135 – 32xx – 003
Series
Lens Finish:
3 = Transparent**
7 = Translucent
(Not available in clear)
Material & Finish: Base - Chrome Plated Brass,
Cap - Polycarbonate with Chrome Plated Bezel on
the 081 Series Fig. 7 and Fig. 8.
CAP PART NO. *
COLOR
FIG
081-0433-303
AMBER
8
081-0435-303
WHITE
8
081-0437-303
CLEAR
8
095-3137-003
CLEAR
9
095-3171-003
RED
9
095-3172-003
GREEN
9
095-3173-003
AMBER
9
095-3175-003
WHITE
9
135-3237-003
CLEAR
10
135-3271-003
RED
10
135-3272-003
GREEN
10
135-3273-003
AMBER
10
135-3275-003
WHITE
10
CAP PART NO. *
COLOR
FIG
052-3191-003
RED
6
052-3192-003
GREEN
6
052-3193-003
AMBER
6
052-3195-003
WHITE
6
052-3197-003
CLEAR
6
081-0111-303
RED
7
081-0112-303
GREEN
7
081-0113-303
AMBER
7
081-0117-303
CLEAR
7
081-0135-303
WHITE
7
081-0137-303
CLEAR
7
081-0431-303
RED
8
081-0432-303
GREEN
8
BASE PART NO.
VOLTAGE
FIG
081-0410-01-303
2–120
3
081-1059-01-303†
2–120
4
081-1310-01-303
2–120
5
Material & Finish: Chrome Plated Brass
BASE PART NO.
VOLTAGE
FIG
021-0410-29-301
2–120
1
CAP PART NO.
COLOR
FIG
021-2900-300
NO LENS
2
Fig. 1
Fig. 2
34.04
[1.34]
MAX
1.98 [.08] x
3.18 [.13]
SLOTS
10.72
[.42]
17.86
[.70]
12.7
[.50]
30.48
[1.20]
11/16 - 27NS THD
+ CENTER CONTACT
Uses:
T-3 1/4 MINIATURE
BAYONET BASE
INCANDESCENT LAMP
021 SERIES FOR 11/16" MOUNTING HOLE • LIGHT SHIELD
** Dialight recommends: transparent lens caps for Based LED;
Clear lens caps for green Based LEDs
** Dialight recommends: transparent lens caps for
Based LED; Clear lens caps for green Based LEDs
FACETED
TRANSPARENT
FLUTED
TRANSPARENT
FLUTED
TRANSPARENT
*PART NUMBER ORDERING CODE
125 – 11xx – 403
Series
Lens Finish:
1 = Back Frosted
(Not available in white)
3 = Transparent**
20


Similar Part No. - 081-0437-303

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0810-1G1T-06 BEL-0810-1G1T-06 Datasheet
108Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX AutoMDIX belMag??with LEDs
0810-1X1T-01 BEL-0810-1X1T-01 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1X1T-02 BEL-0810-1X1T-02 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1X1T-03 BEL-0810-1X1T-03 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1X1T-12 BEL-0810-1X1T-12 Datasheet
138Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com