Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TREK-753R-CWBXPA0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-753R-CWBXPA0E
Description  7" Mobile Data Terminal with Intel짰 Atom??Z510PT/Z520PT Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-753R-CWBXPA0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-753R-CWBXPA0E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-753R-CWBXPA0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Competence in Mobile Computing
http://www.advantech-dlog.com
Regional contact:
Dimensions
Unit: mm
TREK-753
Fully Integrated I/O
Side View
Ordering Information
Part Number
Description
TREK-753R-0A0E
TREK-753R Bare bone with Z510 1.1 G CPU
TREK-753R-1A0E
TREK-753R Bare bone with Z520 1.3 G CPU
TREK-753S-0A0E
TREK-753R Bare bone with 1.1 G CPU/SR T/S*
TREK-753R-CWBXPA0E
TREK-753R w/CDMA/GPS/WLAN/BT/1 GB RAM/4
G CF/WES
TREK-753R-HWBXPA0E
TREK-753R w/HSDPA/GPS/WLAN/BT/1 GB RAM/4
G CF/WES
TREK-753R-GWBXPA0E
TREK-753R w/GPRS/GPS/WLAN/BT/1 GB RAM/4
G CF/WES
*Note: SR T/S stands for Sunlight Readable TouchScreen.
TREK-753 CTOS Kit
Part Number
Description
9668TREK30E
TREK-753R RevA0 GPS kit
9668TREK31E
TREK-753R RevA0 WiFi (Azurewave) kit
9668TREK32E
TREK-753R RevA0 HSDPA kit
9668TREK34E
TREK-753R RevA0 GPRS kit
9668TREK35E
TREK-753R RevA0 AC/DC power kit
9668TREK36E
TREK-753R RevA0 BT module kit
Accessories
Part Number
Description
1700019307
High density cable (2 meters)
1700019611
Cigarette lighter cable for testing purpose (30cm)
RAM-MOUNT-01
VESA RAM mount w/clamp base 1.5" ball
RAM-MOUNT-06E
VESA RAM mount w/VESA base, 1.5" ball
9668TREK37E
IP54 I/O housing cover for TREK-753
255.70
54
56
75
4 - M5
GPS
CF Card SIM Card
SD Card
COM1
USB2.0
Power button
High Density
Connector
RJ 45
System
power


Similar Part No. - TREK-753R-CWBXPA0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-753R-CWBXPA0E ADVANTECH-TREK-753R-CWBXPA0E Datasheet
665Kb / 2P
   7" Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK-753R-CWBXPA0E ADVANTECH-TREK-753R-CWBXPA0E Datasheet
683Kb / 2P
   7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK-753R-CWBXPA0E ADVANTECH-TREK-753R-CWBXPA0E Datasheet
683Kb / 2P
   7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK-753R-CWBXPA0E ADVANTECH-TREK-753R-CWBXPA0E Datasheet
683Kb / 2P
   7" Mobile Data Terminal with Intel Atom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com