Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX054AK Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX054AK
Description  1/3-inch CCD Image Sensor for NTSC Color Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX054AK Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX054AK Datasheet HTML 4Page - Sony Corporation ICX054AK Datasheet HTML 5Page - Sony Corporation ICX054AK Datasheet HTML 6Page - Sony Corporation ICX054AK Datasheet HTML 7Page - Sony Corporation ICX054AK Datasheet HTML 8Page - Sony Corporation ICX054AK Datasheet HTML 9Page - Sony Corporation ICX054AK Datasheet HTML 10Page - Sony Corporation ICX054AK Datasheet HTML 11Page - Sony Corporation ICX054AK Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
– 8 –
ICX054AK
(5) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
Clock Switching Characteristics
Item
Readout clock
Vertical transfer
clock
Horizontal
transfer clock
Horizontal
transfer clock
Horizontal
transfer clock
Reset gate clock
Substrate clock
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ
H
φ1
H
φ2
φRG
φSUB
2.3
37
11
1.5
2.5
41
5.6
15
2.0
38
75
42
5.6
79
0.5
12
0.012
0.012
6.5
15
0.5
0.015
2
0.5
10
0.012
0.012
4.5
0.25
15
0.5
µs
µs
ns
µs
µs
ns
µs
During
readout
1
During
imaging
During
parallel-
serial
conversion
During
drain charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
1 When vertical transfer clock driver CXD1250 is used.
2 tf ≥ tr – 2ns


Similar Part No. - ICX054AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
   1/3-inch CCD Image Sensor for EIA B/W Camera
More results

Similar Description - ICX054AK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com