Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0631360000 Datasheet(PDF) 3 Page - Weidmuller

Part # 0631360000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0631360000 Datasheet(HTML) 3 Page - Weidmuller

  0631360000 Datasheet HTML 1Page - Weidmuller 0631360000 Datasheet HTML 2Page - Weidmuller 0631360000 Datasheet HTML 3Page - Weidmuller 0631360000 Datasheet HTML 4Page - Weidmuller 0631360000 Datasheet HTML 5Page - Weidmuller 0631360000 Datasheet HTML 6Page - Weidmuller 0631360000 Datasheet HTML 7Page - Weidmuller 0631360000 Datasheet HTML 8Page - Weidmuller 0631360000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
126
Feed-through terminals
Mounting rails, end brackets, further marking material see “Accessories”
1
) Contact-proof with ADP 4 cover profile (see section “Accessories”)
3
) Cat. No. 0279660000, 0279680000, 0380460000
2
) Not suitable for SST 3 safety pin
and 0380480000, 41 A for 6 mm2
W
W
W
Y
Y
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
Blue KrG
KrS
PA
Blue PA
Orange PA
Terminal block with marking PA
Terminal block without marking PA
End plate (thickness mm)
KrG
Blue KrG
KrS
PA
Blue PA
PA
Blue PA
Partition (thickness mm)
TW
WTW
KrG
Blue KrG
KrS
PA
Blue PA
HP
Small partition
TSch 1
Cross-connection
Q 4
2-pole
3-pole
4-pole
10-pole
Cover plates
Switchable cross-connection link
VL 2
BS
VH
Marking tags
Print
DEK
Standard
SAKD 2.5 N
SAKD 2.5/10/35
SAK 2.5/35
SAK 2.5/10/35
SAK 4/35
SAK 4/10/35
SAK 2.5
SAK 2.5/10
a r #
LR u
5/32.5/43.5
5/44/38
10/M 2.5/3.5 x 0.6
500 V/24 A/2.5 mm2
6 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 2
30 A/4 mm2
24
24
300 V/20 A/28…12 AWG
300 V/20 A/22…12 AWG
Y
Qty. W
Qty.
0215560000100 0268860000 100
0215580000100 0268880000 100
0401060000 10 0523160000 10
0401160000 10
Type
Cat. No.
Qty.
AP (1.5)
0150960000
20
AP (1.5)
0150980000
20
TW (1.5)
0191860000
20
TW (1.5)
0191880000
20
TW (1.5)
0307500000
20
TSch 3
0366860000
100
Q 2
0367800000
50
Q 3
0367900000
50
Q 4
0368000000
50
Q 10
0368100000
20
DEK 5
see “Accessories”
a r
i # LR u
6/45/40
10/M 2.5/3.5 x 0.6
800 V/24 A/2.5 mm2
8 kV/3
0.4…0.6
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5/43)
A 3
32 A/4 mm2
32
600 V/20 A/22…12 AWG
600 V/25 A/26…10 AWG
W
Cat. No.
Qty.
0380420000 100
0380470000 100
03804600001)100
03804800001)100
04994600001)10
04995600001)10
Type
Cat. No.
Qty.
AP (1.5)
0279520000
20
AP (1.5)
0279570000
20
AP (1.5)
0279530000
20
AP (1.5)
0460560000
20
AP (1.5)
0460580000
20
TW (2.5)
0302820000
20
TW (2.5)
0302870000
20
TW (2.5)
0302830000
20
TW (1.5)
0302860000
20
TW (1.5)
0302880000
20
TW (1.0)
0297100000
20
TSch 1
0319160000 100
Q 2
0337000000
50
Q 3
0337100000
50
Q 4
0337200000
50
Q 10
0368700000
20
AD 4
0303400000
50
BSKM3x22 0128900000 100
DEK 6
see “Accessories”
a r
i # LR u DNV
6/36.5/46.5
10/M 2.5/3.5 x 0.6
800 V/24 A/2.5 mm2 3)
8 kV/3
0.4…0.6
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5/43)
A 3
32 A/4 mm2
32
600 V/20 A/22…12 AWG
600 V/25 A/26…10 AWG
Y
Cat. No.
Qty.
0279620000
100
0279670000
100
0279630000
100
02796600001)2)100
02796800001)2)100
13263600001)2)100
03225600001)2)10
03228600001)2)10
Type
Cat. No.
Qty.
AP (1.5)
0279520000
20
AP (1.5)
0279570000
20
AP (1.5)
0279530000
20
AP (1.5)
0279560000
20
AP (1.5)
0279580000
20
TW (2.5)
0302820000
20
TW (2.5)
0302870000
20
TW (2.5)
0302830000
20
TW (1.5)
0302860000
20
TW (1.5)
0302880000
20
TW (1.0)
0297100000
20
TSch 1
0319160000
100
Q 2
0337000000
50
Q 3
0337100000
50
Q 4
0337200000
50
Q 10
0368700000
20
AD 4
0303400000
50
BSKM3x220128900000
100
DEK 6
see “Accessories”
a r
i #
6.5/40/51.5
6.5/45/44
12/M 3/3.5 x 0.6
800 V/32 A/4 mm2
8 kV/3
0.5…1.0
2
0.5…6
0.5…4
0.5…4
0.5…4
A 4
41 A/6 mm2
36
600 V/20 A/22…12 AWG
600 V/36 A/26…10 AWG
W
Cat. No.
Qty.
0443620000
100
0443670000
100
04436600001) 100
04436800001) 100
13236600001) 100
05304600001)10
05303600001)10
Type
Cat. No.
Qty.
AP (1.5)
0117920000
20
AP (1.5)
0117970000
20
AP (1.5)
0117930000
20
AP (1.5)
0117960000
20
AP (1.5)
0117980000
20
TW (2.5)
0130120000
20
TW (2.5)
0103170000
20
TW (2.5)
0130130000
20
TW (1.5)
0130160000
20
TW (1.5)
0130180000
20
TW (1.0)
0197100000
20
TSch 1
0319160000
100
Q 2
0336700000
50
Q 3
0336800000
50
Q 4
0336900000
50
Q 10
0368800000
20
AD 4
0285300000
50
BSK M3x22 0128900000
100
VL 2
0197000000
100
VH
0285100000
50
BS
0292500000
100
DEK 6.5
see “Accessories”


Similar Part No. - 0631360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0631360000 WEIDMULLER-0631360000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
0631360000 WEIDMULLER-0631360000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
0631360000 WEIDMULLER-0631360000 Datasheet
48Kb / 2P
   Modular terminal, accessories, End and intermediate plate, beige, 1.5 mm
0631360000 WEIDMULLER-0631360000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 1.5 mm
More results

Similar Description - 0631360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com