Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX054BK Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX054BK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX054BK Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX054BK Datasheet HTML 5Page - Sony Corporation ICX054BK Datasheet HTML 6Page - Sony Corporation ICX054BK Datasheet HTML 7Page - Sony Corporation ICX054BK Datasheet HTML 8Page - Sony Corporation ICX054BK Datasheet HTML 9Page - Sony Corporation ICX054BK Datasheet HTML 10Page - Sony Corporation ICX054BK Datasheet HTML 11Page - Sony Corporation ICX054BK Datasheet HTML 12Page - Sony Corporation ICX054BK Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
– 9 –
ICX054BK
Image Sensor Characteristics
(Ta = 25°C)
Item
Sensitivity
Saturation signal
Smear
Video signal shading
Uniformity between video
signal channels
Dark signal
Dark signal shading
Flicker Y
Flicker R-Y
Flicker B-Y
Line crawl R
Line crawl G
Line crawl B
Line crawl W
Lag
S
Ysat
Sm
SHy
∆Sr
∆Sb
Ydt
∆Ydt
Fy
Fcr
Fcb
Lcr
Lcg
Lcb
Lcw
Lag
800
800
970
0.002 0.007
20
25
10
10
2
1
2
5
5
3
3
3
3
0.5
mV
mV
%
%
%
%
%
mV
mV
%
%
%
%
%
%
%
%
1
2
3
4
4
5
5
6
7
8
8
8
9
9
9
9
10
Ta = 60°C
Zone 0, I
Zone 0 to II'
Ta = 60°C
Ta = 60°C
Symbol
Min.
Typ.
Max.
Unit
Measurement method
Remarks
Zone Definition of Video Signal Shading
10
9
492 (V)
8
10
510 (H)
V
10
H
8
H
8
V
10
Effective pixel region
Ignored region
Zone 0, I
Zone II, II'
Measurement System
CCD
C.D.S
LPF1
LPF2
AMP
CCD signal output
Y signal output
Chroma signal output
(3dB down 4MHz)
(3dB down 1MHz)
Note) Adjust the amplifier gain so that the gain between [∗A] and [∗Y] and between [∗A] and [∗C] equal 1.
[∗A]
[∗Y]
[∗C]
S/H
S/H


Similar Part No. - ICX054BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX054BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com