Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8611-25BXG Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T8611-25BXG
Description  The T8611 is a simple, high voltage, linear current regulator.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8611-25BXG Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T8611-25BXG Datasheet HTML 1Page - Taiwan Memory Technology T8611-25BXG Datasheet HTML 2Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THAB0022_THL3504_Rev.1.00_E_Brief
1
Copyright©2012 THine Electronics, Inc.
THine Electronics, Inc.
THL3504
24-channel Constant Current LED Driver with LVDS Interface
DESCRIPTIONS
The THL3504 is an LED driver with 24 channel constant
current sink outputs. The constant current values for
three output groups are determined by external resistors.
The embedded os cillat or an d P W M co nt ro l l er
individually generates 256-step brightness set by the
dedicated registers for each channel.
The serial interface of 2-pair LVDS lines (clock and
data) features high-level noise tolerance, high-speed, and
long-distance transmission.
The LVDS allowing cascaded and multidrop connection
offers the maximum flexibility for designers to place and
connect LED drivers.
The simple and one-way communication protocol is
easily-controlled and requires less CPU resources.
APPLICATIONS
Amusement
LED Backlight
LED Display
Digital Signage
Illumination
FEATURES
< Driver part >
- Constant Current Output: 24 channels
- Output Sink Current: up to 40mA/ch
- Output voltage: up to 40V
- Individual Brightness Control: 256 steps
- Group Brightness Control: 64 steps
- Output disable/enable
< Serial interface part >
- 2-pair Serial LVDS Input or 3-wire Serial CMOS Input
up to 10Mbps
- Bridge Function Converting 3-wire Serial
CMOS Input to 2-pair Serial LVDS Output
- Repeater function of 2-pair Serial LVDS Input / Output
with Waveform and Timing Correction
- Device Address Selection up to 62 addresses
- General call to all devices
Protection Circuits
UVLO, Short Circuit Protection, Thermal Shutdown
Supply Voltage: 3.0~5.5V
Package: QFN 48-pin Exposed Pad
Input Logic
Registers
Constant
Address
Data
PWM Controller
A0~A5
SCL_OUTn
SCL_OUTp
SDA_OUTn
SDA_OUTp
SCL_INn
SCL_INp
SDA_INn
SDA_INp
Oscillator
MODE
CSn
SI
SCK SCL
SDA
Block Diagram
SCL
SDA
REXT0
REXT1
REXT2
Current
Generator
Current Sink
3-wire to 2-wire
Re-timing
conversion
LVDS Input
LVDS Output
OUT0~OUT7 OUT8~OUT15 OUT16~OUT23
Current Sink
Current Sink


Similar Part No. - T8611-25BXG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
logo
Taiwan Memory Technolog...
T8601 TMT-T8601 Datasheet
189Kb / 2P
   The T8601 is a low cost, simple, high-efficiency off-line LED driver IC.
logo
Integrated Technology F...
T86051B ITF-T86051B Datasheet
159Kb / 2P
   860.0 MHz SAW Filter
logo
List of Unclassifed Man...
T860N ETC-T860N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
logo
Infineon Technologies A...
T860N INFINEON-T860N Datasheet
298Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-17 revision:2.0
More results

Similar Description - T8611-25BXG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
   The RT9045A is a simple
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
AiT Semiconductor Inc.
A317B AITSEMI-A317B Datasheet
500Kb / 9P
   BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
REV1.2
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com