Electronic Components Datasheet Search |
|
291C4020F832BB Datasheet(PDF) 1 Page - CTS Corporation |
|
291C4020F832BB Datasheet(HTML) 1 Page - CTS Corporation |
1 / 3 page Precision, Long-life Compact 12mm Size Series 291 1 - 3 © 2011 CTS Corporation. All rights reserved. Information subject to change. 7/17/12 CTS Electrocomponents www.ctscorp.com Data Sheet Optical Encoder ® Electrocomponents • Package Size (12 X 14 X 7 mm) • 3 Million life cycles (No detent) Electrical and Mechanical Specifications Operating Voltage 5.0 ± 0.25 VDC Supply Current 5.0 VDC @ 30mA maximum Push-Pull Strength of Shaft 20 kg minimum for 10 seconds • 1 Million life cycles(With detent) Features Optical Encoder Encoder: Special Consult CTS for custom features not listed Terminal Pull-out Strength 6 kg minimum for 10 seconds Solder Heat Resistance 350°C for 5 seconds Mechanical Vibration 15G, ( MIL-STD-883F-2004) Mechanical Shock 3.3 ± 0.125 VDC Output Code 2-Bit Quadrature Channel A leads channel B by 90° electrically during clockwise rotation of the shaft 3.3 VDC @ 24mA maximum Temperature Range Operating: - 40°C to 85°C Storage: - 55°C to 100°C Rotational Life (@30 RPM) 3 Million cycles (No detent) 1 Million cycles (With detent) Resolution 6, 8 Pulses per Revolution Durable Metal Shaft & Bushing • Optional momentary switch • • RoHS Compliant • Multiple options for terminations, resolution,cables, voltage Rotational Torque Detent Options 0, 24, 32 Minimum Sink Current 2.0 mA for 5.0 VDC 1.0 mA for 3.3 VDC Running: 20 ± 10 gf-cm Power Consumption 150 mW maximum for 5.0 VDC 80 mW maximum for 3.3 VDC Detent: 140 ± 50 gf-cm ( 24 Detents) 100 ± 50 gf-cm ( 32 Detents) 100G, ( MIL-STD-883F-2004) |
Similar Part No. - 291C4020F832BB |
|
Similar Description - 291C4020F832BB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |