Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-2031Z Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-2031Z
Description  Wireless Temperature & Humidity Sensor Node
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-2031Z Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-2031Z Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M2M I/O Modules
Specifications
Temperature Sensor Input
ƒ
Operating Range
-20°C ~ 70°C (-4°F ~ 157.9°F)
ƒ
Resolution
0.02°C (0.04°F)
ƒ
Accuracy
±1.0°C (33.8°F)(±0.5°C @ 0 ~ +35°C)
ƒ
Repeatability
±0.1°C (0.4°F)
ƒ
Response Rate
±1°C/min.
ƒ
Long Term Drift
< 0.04°C/Year (0.07°F/Year)
Humidity Sensor Input
ƒ
Operating Range
0 ~ 100% RH
ƒ
Resolution
0.15% RH
ƒ
Accuracy
±3.0% RH
ƒ
Repeatability
±0.1% RH
ƒ
Response Time
8 seconds (Achieving 63% of a step function)
ƒ
Long Term Drift
0.5% RH/Year
ADAM-2031Z
ADAM-2632Z
Wireless Temperature & Humidity
Sensor Node
Wireless Temperature & Humidity &
CO2 Sensor Node
ADAM-2031Z
ADAM-2632Z
Specifications
Temperature Sensor Input
ƒ
Operating Range
-10°C ~ 50°C (14°F ~ 122°F)
ƒ
Resolution
0.02°C (0.04°F)
ƒ
Accuracy
±0.3°C
ƒ
Response Time
5 ~ 30s
ƒ
Long Term Drift
< 0.04°C/yr
Humidity Sensor Input
ƒ
Operating Range
0 ~ 100% RH
ƒ
Resolution
0.15% RH
ƒ
Accuracy
±3.0% RH
ƒ
Repeatability
±0.1% RH
ƒ
Response Time
8 seconds (Achieving 63% of a step function)
ƒ
Long Term Drift
0.5% RH/Year
CO2 Sensor Input
ƒ
Resolution
12 Bit (CC2530 ADC, ENOB)
ƒ
Conversion / Response Time 132μs (CC2530 ADC) / 1.5 ~ 2.5 min
ƒ
Operating Range
350 ~ 10,000ppm of CO2
ƒ
Operating Cond.
-10°C ~ +50°C, 5 ~ 95%RH
Ordering Information
ƒ
ADAM-2632Z
Wireless Temperature & Humidity & CO2 Sensor Node
General
ƒ
Connectors
1 x plug-in terminal block (#14 ~ 22 AWG)
ƒ
Power Input
Unregulated 10 ~ 30 VDC
ƒ
Battery Input
2 x AA Alkaline
ƒ
Power Consumption
0.3 W @ 24 VDC
Battery AA * 2
420 uW @ 3 VDC (1 minute Tx Interval)
240 uW @ 3 VDC (2 minute Tx Interval)
150 uW @ 3 VDC (5 minute Tx Interval)
Environment
ƒ
Operating Temperature
External Power
ADAM-2031Z : -20°C ~ 70°C (-4°F ~ 157.9°F)
ADAM-2632Z : -10°C ~ 50°C (14°F ~ 122°F)
Battery Power
0°C ~ 50°C (32°F ~ 122°F)
ƒ
Storage Temperature
-40°C~ 85°C (-40°F ~ 184°F )
ƒ
Operating Humidity
20~95% RH
ƒ
Storage Humidity
0~95% RH
Common Specifications
Wireless Communication
ƒ
IEEE Standard
IEEE 802.15.4
ƒ
Modulation Type
DSSS (OQPSK)
ƒ
Frequency Band
ISM 2.4 GHz (2.4 GHz ~ 2.4835 GHz)
ƒ
Channels
11 - 26
ƒ
RF Data Rate
250 Kbps
ƒ
Transmit Power
ADAM-2031Z: Typ. 3 ± 1 dBm
ADAM-2632Z: Typ. 19 ± 1 dBm
ƒ
Receiver Sensitivity
-97 dBm
ƒ
Topology
Star / Tree / Mesh
ƒ
Outdoor Range
ADAM-2031Z: 110 m
ADAM-2632Z: 1000 m
ƒ
Function
End Device
Ordering Information
ƒ
ADAM-2031Z
Wireless Temperature & Humidity Sensor Node
NEW
NEW
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-2031Z

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
237Kb / 1P
   Wireless 6-ch Analog Input Node with Power Amplifier
More results

Similar Description - ADAM-2031Z

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
E+E Elektronik Ges.m.b....
EE240 EPLUSE-EE240 Datasheet
1Mb / 14P
   Wireless Sensor Network for Humidity, Temperature and CO2
10-2023
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
   Duct Sensor Humidity / Temperature
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
EnOcean GmbH.
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
   EnOcean Temperature & Humidity Sensor
April 2022
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
   LoRaWAN Temperature/Humidity Sensor
19-May-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com