Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX055AK Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX055AK
Description  1/3-inch CCD Image Sensor for PAL Color Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX055AK Datasheet(HTML) 2 Page - Sony Corporation

  ICX055AK Datasheet HTML 1Page - Sony Corporation ICX055AK Datasheet HTML 2Page - Sony Corporation ICX055AK Datasheet HTML 3Page - Sony Corporation ICX055AK Datasheet HTML 4Page - Sony Corporation ICX055AK Datasheet HTML 5Page - Sony Corporation ICX055AK Datasheet HTML 6Page - Sony Corporation ICX055AK Datasheet HTML 7Page - Sony Corporation ICX055AK Datasheet HTML 8Page - Sony Corporation ICX055AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
– 2 –
ICX055AK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Note
Note)
: Photo sensor
Horizontal register
Cy
Ye
Cy
Ye
Mg
G
Mg
G
Cy
Ye
Cy
Ye
GMg
G
Mg
Cy
Ye
Cy
Ye
Mg
G
Mg
G
Substrate voltage SUB – GND
VDD, VOUT, VSS – GND
Supply voltage
VDD, VOUT, VSS – SUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
Vertical clock input voltage
V
φ1, Vφ2, Vφ3, Vφ4 – SUB
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
H
φ1, Hφ2, RG, VGG – GND
H
φ1, Hφ2, RG, VGG – SUB
VL – SUB
V
φ1, Vφ2, Vφ3, Vφ4, VDD, VOUT – VL
RG – VL
VGG, Vss, H
φ1, Hφ2 – VL
Storage temperature
Operating temperature
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
V
φ4
V
φ3
V
φ2
V
φ1
GND
VGG
VSS
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
Output amplifier gate bias
Output amplifier source
Signal output
9
10
11
12
13
14
15
16
VDD
GND
SUB
VL
RG
NC
H
φ1
H
φ2
Output amplifier drain supply
GND
Substrate (Overflow drain)
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Pin Description
Item
–0.3 to +55
–0.3 to +18
–55 to +10
–15 to +20
to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–0.3 to +24
–0.3 to +20
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
Ratings
Unit
Remarks
Absolute Maximum Ratings
*1 +27V (Max.) when clock width<10µs, clock duty factor<0.1%.
Block Diagram and Pin Configuration
(Top View)


Similar Part No. - ICX055AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055AK SONY-ICX055AK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX055AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com