Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX055AK Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX055AK
Description  1/3-inch CCD Image Sensor for PAL Color Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX055AK Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX055AK Datasheet HTML 6Page - Sony Corporation ICX055AK Datasheet HTML 7Page - Sony Corporation ICX055AK Datasheet HTML 8Page - Sony Corporation ICX055AK Datasheet HTML 9Page - Sony Corporation ICX055AK Datasheet HTML 10Page - Sony Corporation ICX055AK Datasheet HTML 11Page - Sony Corporation ICX055AK Datasheet HTML 12Page - Sony Corporation ICX055AK Datasheet HTML 13Page - Sony Corporation ICX055AK Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
– 10 –
ICX055AK
Image Sensor Characteristics Measurement Method
Measurement conditions
1) In the following measurements, the substrate voltage and the reset gate clock voltage are set to the values
indicated on the device, and the device drive conditions are at the typical values of the bias and clock
voltage conditions.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output, which is taken as the value of Y signal output
or chroma signal output of the measurement system.
Color coding of this image sensor & Composition of luminance (Y) and chroma (color difference) signals
As shown in the left figure, fields are read out. The charge is
mixed by pairs such as A1 and A2 in the A field. (pairs such
as B in the B field)
As a result, the sequence of charges output as signals from
the horizontal shift register (Hreg) is, for line A1, (G + Cy),
(Mg + Ye), (G + Cy), and (Mg + Ye).
These signals are processed to form the Y signal and chroma (color difference) signal. The Y signal is formed
by adding adjacent signals, and the chroma signal is formed by subtracting adjacent signals. In other words,
the approximation:
Y = {(G + Cy) + (Mg + Ye)}
× 1/2
= 1/2 {2B + 3G + 2R}
is used for the Y signal, and the approximation:
R – Y = {(Mg + Ye) – (G + Cy)}
= {2R – G}
is used for the chroma (color difference) signal. For line A2, the signals output from Hreg in sequence are
(Mg + Cy), (G + Ye), (Mg + Cy), (G + Ye).
The Y signal is formed from these signals as follows:
Y = {(G + Ye) + (Mg + Cy)}
× 1/2
= 1/2 {2B + 3G + 2R}
This is balanced since it is formed in the same way as for line A1.
In a like manner, the chroma (color difference) signal is approximated as follows:
– (B – Y) = {(G + Ye) – (Mg + Cy)}
= – {2B – G}
In other words, the chroma signal can be retrieved according to the sequence of lines from R – Y and – (B – Y)
in alternation. This is also true for the B field.
Cy
Ye
G
Mg
Cy
Ye
G
Mg
Cy
Ye
G
Mg
Cy
Ye
G
Mg
A1
A2
B
Hreg
Color Coding Diagram


Similar Part No. - ICX055AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055AK SONY-ICX055AK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX055AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com