Electronic Components Datasheet Search |
|
0351470000 Datasheet(PDF) 2 Page - Weidmuller |
|
0351470000 Datasheet(HTML) 2 Page - Weidmuller |
2 / 52 page SAK-series 125 Weidmüller terminal - SAK-series- are pro- ved in millions of applications for more than 50 years. Available for the two rail systems TS32 and TS35, the SAK terminals are useable for every application and for all cross-sec- tions. SAK terminals fulfill the requirements of EN 60 947-7-1. Thermosetting plastic or Thermoplastic Terminal of thermosetting plastic are nor- mally used in applications where high con- tinuous service temperature and high flammability level are necessary. The Weidmüller thermosetting plastic KRG is very resistant against infection through mould and micro-organisms. The thermoplastic material Polyamide 66 has very good electrical and mechanical properties upto 100 °C. PA66 is flexible and unsusceptible to fracture, even with low temperatures. Polyamid 66 has improved fire resistance and is self-extinguishing with flammability level V2 according to UL 94. Cross-connection systems 40% of all terminals are cross-connected for potential branching. Weidmüller distinguishes between the fol- lowing cross-connection units for SAK- series: • type Q pre-assembled cross-connec- tions • type QL permanent cross-connections • type VL removeable cross-connection straps • type QS removeable cross-connection plugs Cross-connection systems from the SAK and AKZ series, type Q, QL or VL or other freely accessible live components, must be protected with appropriate covers ADP 1 or 4 or TSK 31.5 as long as they are to be inserted safe from contact. Approvals The following approvals apply to SAK ter- minals: a UL-USA r CSA-Canada # GOST-Russia q SEV-Switzerland i KEMA-Netherlands LR Lloyds Register of Shipping u Germanischer Lloyd DNV Det Norske Veritas SAK portfolio • Feed-through terminals •Protective conductor terminals • Fuse terminals •Disconnect-test terminals • Feed-through terminals with tab, solder, WireWrap and Termi Point connections • Initiator terminals, Actuator terminals • Stud terminals Accessories An extensive assortment of accessories is available for Weidmüller SAK terminals: • Partitions • Cover plates • Small partitions •Test plugs •Test adapters • Marking material •Cross-connections and • Covers TS 32 Thermosetting plastic Thermoplastic TS 35 Positioning of end plates or partitions between cross-connections Operating voltage Terminal width (in mm) 3 6 3 810 121822 125 V ~ AP ––––– 250 V ~ AP ––––– 380 V ~ AP AP –––– 440 V ~ TW AP AP AP AP – 500 V ~ TW TW AP AP AP – 660 V ~ TW TW TW TW TW AP 750 V ~ TW TW TW TW TW AP In PA terminals small partitions (TSch) have to be used up to 380 V. |
Similar Part No. - 0351470000 |
|
Similar Description - 0351470000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |