Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM-8151H Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-8151H
Description  15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-8151H Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-8151H Datasheet HTML 1Page - Advantech Co., Ltd. FPM-8151H Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
422.00 [16.61]
68.00 [2.68]
8.00
[0.31]
390.00 [15.35]
100.00 [3.94]
75.00 [2.95]
M3
M3
M3
M3
M3
M3
M3
M3
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
FPM-8151H
Accessories
ƒ
FPM-2150G-SMKE
Mounting kit for desktop stand & wall
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702031836
Power Cable China/Australia Plug 1.8 M
ƒ
1757002742
Adapter AC 90-264V, 57W, SPU63-105
Panel Cut-out Dimensions: 396 x 296 mm (15.59" x 11.65")
I/O View
Touch Screen (RS-232)
VGA Port
DVI-D
Touch Screen (USB)
100 ~ 240 VAC Power Adapter
24 VDC Input
Dimensions
Unit: mm


Similar Part No. - FPM-8151H

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-8151H ADVANTECH-FPM-8151H Datasheet
325Kb / 2P
   15' XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H ADVANTECH-FPM-8151H Datasheet
362Kb / 2P
   15 XGA Industrial Monitor with 316L Stainless Steel Front Panel for Hazardous Environments
27-Jun-2018
FPM-8151H-R3AE ADVANTECH-FPM-8151H-R3AE Datasheet
376Kb / 2P
   15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H-R3BE ADVANTECH-FPM-8151H-R3BE Datasheet
325Kb / 2P
   15' XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H-R3BE ADVANTECH-FPM-8151H-R3BE Datasheet
362Kb / 2P
   15 XGA Industrial Monitor with 316L Stainless Steel Front Panel for Hazardous Environments
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com